Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3314 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYUSB3314
Description  HX3 USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3314 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYUSB3314 Datasheet HTML 3Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 4Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 5Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 6Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 7Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 8Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 9Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 10Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
CYUSB330x/CYUSB331x
CYUSB332x/CYUSB230x
Document Number: 001-73643 Rev. *R
Page 7 of 43
When the US port is disconnected from the host, HX3 detects if
any of the DS ports are connected to a device requesting
charging. It determines the charging method and then switches
to the appropriate signaling based on the detected charging
specification as shown in Figure 4. The hub either emulates a
USB-compliant dedicated charging port by connecting DP and
DM (see the BC v1.2 specification) or other supported
proprietary charging schemes.
Figure 4. Ghost Charge Implementation in HX3
Ghost Charge is enabled by default and can be disabled through
configuration. Refer to Configuration Options on page 24.
Vendor-Command Support
HX3 supports vendor-specific requests and can also enumerate
as a vendor-specific device. The vendor-specific request can be
used to (a) bridge USB and I2C and (b) configure HX3. This
feature can be used for the following applications:
■ Firmware upgrade of an external ASSP connected to HX3
through USB
■ In-System programming (ISP) of an EEPROM connected to
HX3 through USB
ACA-Dock Support
In traditional USB topologies, the host provides VBUS to enable
and charge the connected devices. For OTG hosts, however, an
ACA-Dock provides VBUS and a method to charge the host.
HX3 supports the ACA-Dock standard (see BC v1.2 specifi-
cation) by integrating the functions of the adapter controller.
Figure 5 shows the ACA-Dock system. If the ACA-Dock feature
is enabled, HX3 turns on the external power switch to drive
VBUS on the US port. To inform the OTG host that it is connected
to an ACA-Dock, the ID pin is tied to ground using a resistor
RID_A,3 as shown in Figure 5. The ACA-Dock feature can be
disabled using the Configuration Options on page 24.
For example, a BC v1.2 compliant phone such as a Sony Xperia
(neo V) can be docked to a HX3-based ACA-Dock system. The
phone acts as an OTG host and the ACA-Dock charges the
phone connected to the US port while also powering the four DS
ports.
Figure 5. ACA-Dock Support
Wall Charger
Detector
Other
Charging
Scheme
BC v1.2
Scheme
Charging
Scheme
Detector
Battery
Charger
Power
Switch
5 V
USB Battery-Powered Device
HX3 DS PORT
VBUS
HX3
Power
Switch
5 V
US_PWREN
VBUS
ID
To US OTG
Enabled Device
PCB
Micro A Plug
VBUS
Power
Source
RID_A
VBUS
Note
3. 124 k
 is the recommended RID_A value as per BC v1.2 specification, but some portable devices use custom RID_A values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com