Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3314 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CYUSB3314
Description  HX3 USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3314 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CYUSB3314 Datasheet HTML 17Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 18Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 19Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 20Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 21Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 22Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 23Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 24Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
CYUSB330x/CYUSB331x
CYUSB332x/CYUSB230x
Document Number: 001-73643 Rev. *R
Page 21 of 43
DS2 Port
DS2_RXP
I
55
F10
SuperSpeed receive plus
DS2_RXM
I
54
G10
SuperSpeed receive minus
DS2_TXP
O
51
H8
SuperSpeed transmit plus
DS2_TXM
O
52
H7
SuperSpeed transmit minus
DS2_DP
I/O
76
A6
USB 2.0 data plus
DS2_DM
I/O
77
A5
USB 2.0 data minus
DS2_OVRCURR
I
1
B1
Overcurrent detect input for DS2 port
DS2_PWREN[7]
I/O
86
B2
VBUS power enable output for DS2 port. When the port is disabled, this
pin is in tristate.
DS2_CDP_EN[8]
This pin is called DS2_CDP_EN in the pin-strap configuration mode.
DS2_AMBER[7]
I/O
5
E4
LED_AMBER output for DS2 port
NON_REMOVABLE[0][8]
This pin is called NON_REMOVABLE[0] in the pin-strap configuration
mode.
DS2_GREEN[7]
I/O
6
E3
CYUSB3312/3314/3324: LED_GREEN output for DS2 port
DS2_VBUSEN_SL[7]
CYUSB3326/3328: VBUS power enable output for SS port 2
NON_REMOVABLE[1][8]
This pin is called NON_REMOVABLE[1] in the pin-strap configuration
mode.
DS2_LED_SS[7]
I/O
84
C3
LED_SS output for DS2 port
PWR_EN_SEL[8]
This pin is called PWR_EN_SEL in the pin-strap configuration mode.
DS3 Port
NC
DS3_RXP
I
45
K10
SuperSpeed receive plus
NC
DS3_RXM
I
46
J10
SuperSpeed receive minus
NC
DS3_TXP
O
48
K7
SuperSpeed transmit plus
NC
DS3_TXM
O
49
K8
SuperSpeed transmit minus
NC
DS3_DP
I/O
79
C4
USB 2.0 data plus
NC
DS3_DM
I/O
78
C5
USB 2.0 data minus
DS3_OVRCURR
I
65
B7
CYUSB3314/3324/3326/3328: Overcurrent detect input for DS3 port
CYUSB3312: This pin must be pulled HIGH using a 10 k
 to VDD_IO.
DS3_PWREN[7]
I/O
87
A1
VBUS power enable output for DS3 port. When the port is disabled, this
pin is in tristate.
DS3_CDP_EN[8]
This pin is called DS3_CDP_EN in the pin-strap configuration mode.
DS3_AMBER[7]
I/O
85
B3
LED_AMBER output for DS3 port
VID_SEL[2][8]
This pin is called VID_SEL[2] in the pin-strap configuration mode.
Table 4. 88-Pin QFN, 100-Ball BGA Pinout for CYUSB331X and CYUSB332X (continued)
Pin Name
Type
Pin#
Ball#
Description
CYUSB3312
CYUSB3314
CYUSB3324
CYUSB3326
CYUSB3328
Notes
7. This pin can be configured as a GPIO using custom firmware. For information contact www.cypress.com/support.
8. For pin-strap configuration details, refer to Table 6 on page 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com