Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3314 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CYUSB3314
Description  HX3 USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3314 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CYUSB3314 Datasheet HTML 19Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 20Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 21Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 22Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 23Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 24Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 25Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 26Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
CYUSB330x/CYUSB331x
CYUSB332x/CYUSB230x
Document Number: 001-73643 Rev. *R
Page 23 of 43
SUSPEND
I/O
25
G3
Hub suspend status indicator. This pin is asserted if both the SS and
USB 2.0 hubs are in the suspend state and is de-asserted when either
of the hubs comes out of the suspend state.
Power and Ground
VDD_EFUSE
PWR
24
H3
1.2 V normal operation, 2.5 V for programming. Customers should
connect to 1.2 V
AVDD12
PWR
15, 21,
44, 56,
62, 67
A10, C9,
F9, H1,
H10, J2
1.2 V analog supply
GND
PWR
50
B5, C6,
D5, D7,
D9, E9,
F2, G9,
H6, J1,
J3, J9
GND pin
DVDD12
PWR
8, 12,
18, 33,
47, 53,
59, 83
B10, D4,
D6, D8,
E1, E10,
F5, K3,
K9
1.2 V core supply
VBUS _US
PWR
22
H2
CYUSB3324/3328: Connect the VBUS_US pin to the local 5 V supply.
If ACA-Dock mode is disabled using Configuration Options on page 24,
this pin must be connected to VBUS from US port.
Other part numbers: This pin must be connected to VBUS from US port.
VBUS_DS
PWR
23
G2
This pin is used to power the Apple-charging circuit in HX3.
For BC v1.2 compliance testing, connect pin to GND. For normal
operation, connect pin to local 5 V supply.
AVDD33
PWR
9, 70,
75, 80
A4, A7,
B6, F3
3.3 V analog supply
VDD_IO
PWR
34, 66,
88
B4, E7,
G6
3.3 V I/O supply
USB Precision Resistors
RREF_USB2
A
7
E2
Connect pin to a precision resistor (6.04 k
 ±1%) to generate a current
reference for USB 2.0 PHY.
RREF_SS
A
32
H5
Connect pin to a precision resistor (200
 ±1%) for SS PHY termination
impedance calibration.
Table 4. 88-Pin QFN, 100-Ball BGA Pinout for CYUSB331X and CYUSB332X (continued)
Pin Name
Type
Pin#
Ball#
Description
CYUSB3312
CYUSB3314
CYUSB3324
CYUSB3326
CYUSB3328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com