Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3314 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CYUSB3314
Description  HX3 USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3314 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CYUSB3314 Datasheet HTML 16Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 17Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 18Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 19Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 20Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 21Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 22Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 23Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
CYUSB330x/CYUSB331x
CYUSB332x/CYUSB230x
Document Number: 001-73643 Rev. *R
Page 20 of 43
Table 4. 88-Pin QFN, 100-Ball BGA Pinout for CYUSB331X and CYUSB332X
Pin Name
Type
Pin#
Ball#
Description
CYUSB3312
CYUSB3314
CYUSB3324
CYUSB3326
CYUSB3328
US Port
US_RXP
I
14
G1
SuperSpeed receive plus
US_RXM
I
13
F1
SuperSpeed receive minus
US_TXP
O
11
D1
SuperSpeed transmit plus
US_TXM
O
10
C1
SuperSpeed transmit minus
US_DP
I/O
71
A9
USB 2.0 data plus
US_DM
I/O
72
A8
USB 2.0 data minus
US_OVRCURR
I
39
K6
CYUSB3324/3328: Overcurrent detect input for US port in ACA-Dock
mode. If ACA-Dock mode is disabled using Configuration Options on
page 24, this pin must be pulled HIGH using a 10 k
 to VDD_IO.
Other part numbers: This pin must be pulled HIGH using a 10 k
 to
VDD_IO.
US_PWREN[5]
I/O
31
J5
CYUSB3324/3328: VBUS power enable output for US port in ACA-Dock
mode. If ACA-Dock mode is disabled using Configuration Options on
page 24, this pin can be left floating if Pin-Strap is not enabled.
Other part numbers: This pin can be left floating if Pin-Strap (Pin# 63) is
not enabled.
PWR_SW_POL[6]
This pin is called PWR_SW_POL in pin-strap configuration mode.
DS1 Port
DS1_RXP
I
61
D10
SuperSpeed receive plus
DS1_RXM
I
60
C10
SuperSpeed receive minus
DS1_TXP
O
57
F8
SuperSpeed transmit plus
DS1_TXM
O
58
E8
SuperSpeed transmit minus
DS1_DP
I/O
74
C7
USB 2.0 data plus
DS1_DM
I/O
73
C8
USB 2.0 data minus
DS1_OVRCURR
I
42
J8
Overcurrent detect input for DS1 port
DS1_PWREN[5]
I/O
38
J7
VBUS power enable output for DS1 port. When the port is disabled, this
pin is in tristate.
DS1_CDP_EN[6]
This pin is called DS1_CDP_EN in pin-strap configuration mode.
DS1_AMBER[5]
I/O
2
C2
LED_AMBER output for DS1 port
ACA_DOCK[6]
This pin is called ACA-DOCK in pin-strap configuration mode.
DS1_GREEN[5]
I/O
3
D3
CYUSB3312/3314/3324: LED_GREEN output for DS1 port
DS1_VBUSEN_SL[5]
CYUSB3326/3328: VBUS power enable output for SS port 1
PORT_DISABLE[0][6]
This pin is called PORT_DISABLE[0] in pin-strap configuration mode.
DS1_LED_SS[5]
I/O
4
D2
LED_SS output for DS1 port
PORT_DISABLE[1][6]
This pin is called PORT_DISABLE[1] in pin-strap configuration mode.
Notes
5. This pin can be configured as a GPIO using custom firmware. For information contact www.cypress.com/support.
6. For pin-strap configuration details, refer to Table 6 on page 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com