Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3314 Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # CYUSB3314
Description  HX3 USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3314 Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button CYUSB3314 Datasheet HTML 35Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 36Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 37Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 38Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 39Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 40Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 41Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 42Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 43Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
CYUSB330x/CYUSB331x
CYUSB332x/CYUSB230x
Document Number: 001-73643 Rev. *R
Page 40 of 43
Silicon Revision History
This datasheet is applicable for the USB-IF certified (TID# 330000060) HX3 Rev. *D and Rev. *C Silicon.
Rev. *D: This Silicon revision improves the yield of HX3, and is drop-in compatible for all the part numbers. There is no need to change
the board design or layout to use the HX3 Rev. *D Silicon. Products are completely compatible with the HX3 Rev. *C Silicon.
Rev. *C: This Silicon revision fixes the errata applicable to the Rev. *A Silicon.
The following table defines the changes between Rev. *A, Rev. *C, and Rev. *D Silicon.
Method of Identification
Markings on row 3 of the HX3 package differentiate Rev. *D Silicon from Rev. *C Silicon and Rev. *A Silicon as indicated in the
example below. Cypress maintains traceability of product to wafer level, including wafer fabrication location, through the lot number
marked on the package.
No.
Items
Part Numbers
Rev. *A
Rev. *C
Rev. *D
1
USB-IF Compliance
All
Requires firmware on
external EEPROM
No external EEPROM
required
No external EEPROM
required
2
FS-only hub or host connected to
HX3 Upstream Port
All
Not supported
Supported
Supported
3
Suspend Power
All
90 mW
37.8 mW
37.8 mW
HX3 REV *A SILICON
HX3 REV *C SILICON
HX3 REV *D SILICON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com