Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3314 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYUSB3314
Description  HX3 USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3314 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYUSB3314 Datasheet HTML 1Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 2Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 3Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 4Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 5Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 6Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 7Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 8Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
CYUSB330x/CYUSB331x
CYUSB332x/CYUSB230x
Document Number: 001-73643 Rev. *R
Page 2 of 43
Block Diagram
USB 2.0
PHY
SS
PHY
Port
Control
USB 2.0 
PHY
SS
PHY
VBUS
Detect
Four Transaction
Translators
Routing Logic
USB 2.0
SS
Repeater
US Port Control Routing
Buffer and Routing Logic
Hub Controller
PHY Interface
DS Buffers
US Buffers
Hub Controller
3.3 V
PLL
ARM
Cortex-M0
RAM
ROM
26 MHz
1.2 V
USB 2.0
PHY
SS
PHY
Port
Control
USB 2.0
PHY
SS
PHY
Port
Control
USB 2.0
PHY
SS
PHY
Port
Control
I2C
I2C_DATA
I2C_CLK
USB 2.0 Controller
SS Controller
US Port
DS Port 1
DS Port 2
DS Port 3
DS Port 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com