Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3314 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYUSB3314
Description  HX3 USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3314 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYUSB3314 Datasheet HTML 1Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 2Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 3Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 4Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 5Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 6Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 7Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 8Page - Cypress Semiconductor CYUSB3314 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
CYUSB330x/CYUSB331x
CYUSB332x/CYUSB230x
Document Number: 001-73643 Rev. *R
Page 5 of 43
HX3 Product Options
Notes
1. DS1 and DS2 are Shared link Ports.
2. BGA Industrial Grade packages are limited to 1 W of active power. For power calculations refer to Table 10 on page 33.
Table 1. HX3 Product Options
Features
CYUSB3302
CYUSB3304
CYUSB3312
CYUSB3314
CYUSB3324
CYUSB3326
CYUSB3328
CYUSB2302
CYUSB2304
Number of DS
ports
2 (USB 3.0)
4 (USB 3.0)
2 (USB 3.0)
4 (USB 3.0)
4 (USB 3.0)
6 (2 USB 3.0,
2 SS,
2 USB 2.0)
8 (4 SS,
4 USB 2.0)
2 (USB 2.0)
4 (USB 2.0)
Number of
Shared Link
ports
000
0
0
2[1]
40
0
BC v1.2
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
ACA-Dock
No
No
No
No
Yes
No
Yes
No
No
External Power
Switch Control
Ganged
Ganged
Individual and
Ganged
Individual and
Ganged
Individual and
Ganged
Individual
Individual
Ganged
Ganged
Pin-Strap
support
No
No
Yes
Yes
Yes
Yes
Yes
No
No
I2C
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Vendor
command
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Port indicators
No
No
Yes
Yes
Yes
No
No
No
No
Packages[2]
68-QFN,
100-ball BGA
68-QFN,
100-ball BGA
88-QFN,
100-ball BGA
88-QFN,
100-ball BGA
88-QFN,
100-ball BGA
88-QFN,
100-ball BGA
88-QFN, 100-ball
BGA
68-QFN,
100-ball BGA
68-QFN,
100-ball BGA
Temperature
range
Industrial and
Commercial
Industrial and
Commercial
Industrial and
Commercial
Industrial and
Commercial
Industrial and
Commercial
Industrial and
Commercial
Industrial
(88-QFN only)
and Commercial
Industrial and
Commercial
Industrial and
Commercial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com