| Electronic Components Datasheet Search |
|
CYUSB3314 Datasheet(PDF) 6 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CYUSB3314 Datasheet(HTML) 6 Page - Cypress Semiconductor |
|
6 / 43 page ![]() CYUSB330x/CYUSB331x CYUSB332x/CYUSB230x Document Number: 001-73643 Rev. *R Page 6 of 43 Product Features Shared Link Figure 1. Application of Shared Link in a Notebook Shared Link is a Cypress-proprietary feature that enables a USB 3.0 port to be split into an embedded SS port and a standard USB 2.0 port. Shared Link enables a maximum of eight DS ports from a four-port USB 3.0 hub. For example, if one of the DS ports is connected to an embedded SS device, such as a USB 3.0 camera, HX3 enables the system designer to reuse the USB 2.0 signals of that specific port to connect to a standard USB 2.0 port. Figure 1 shows how Shared Link can be used in an application. Figure 2. DS Port VBUS Control in Shared Link The Shared Link mode requires a separate VBUS control for the removable USB 2.0 device and the embedded SS device. Figure 2 shows the VBUS control implementation. To ensure that the embedded SS device does not fall back to USB 2.0 operation, an external power switch is required. This switch is controlled by HX3, which generates an output signal called DSx_VBUSEN_SL. This signal controls the VBUS for the embedded device. DSx_PWREN is another output signal generated by HX3 and controls VBUS for the removable USB 2.0 device. For example, when an overcurrent condition occurs, DSx_PWREN turns off the port power. Ghost Charge Ghost Charge is a Cypress-proprietary feature for charging USB devices on the DS port when the US port is not connected to a host. For example, in a docking station with HX3 as shown in Figure 3, when the laptop is undocked, HX3 will emulate a dedicated charging port (DCP) to provide charge to a phone connected on a DS port. Figure 3. Ghost Charge USB 3.0 Example: Shared Link Provides Six USB Ports in a Notebook Standard USB 2.0 Port Internal SS Port USB 3.0 Port Split Into SS Port and Standard USB 2.0 Port USB 3.0 USB 2.0 WiFi Module DS4 PC Chipset USB 2.0 SS (internal) USB 2.0 SS (internal) DS3 USB 3.0 Camera Notebook PC Motherboard HX3 HX3 4 2 6 USB 3.0 Card Reader 6 6 2 6 4 USB 3.0 Port 6 USB 3.0 USB 3.0 SuperSpeed PHY USB 2.0 PHY USB 3.0 DS Port Embedded SuperSpeed Device Removable USB 2.0 Device HX3 VBUS VBUS Charge a smartphone without docking the notebook HX3 Power to Smartphone (HX3’s Downstream Port) USB Cable Notebook PC Undocked |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |