Electronic Components Datasheet Search
  English  ▼

X  

LP5569 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 12Page - Texas Instruments LP5569 Datasheet HTML 13Page - Texas Instruments LP5569 Datasheet HTML 14Page - Texas Instruments LP5569 Datasheet HTML 15Page - Texas Instruments LP5569 Datasheet HTML 16Page - Texas Instruments LP5569 Datasheet HTML 17Page - Texas Instruments LP5569 Datasheet HTML 18Page - Texas Instruments LP5569 Datasheet HTML 19Page - Texas Instruments LP5569 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 93 page
background image
tJITTER
1/fPWM
D/fPWM
x
D is tJITTER x fPWM or equal to #/6%¶V = ¨' [ 2048 codes.
x
For 11-bit resolution, #LSBs is equal to a hysteresis setting of LN(#/6%¶V)/LN(2).
x
For example, with a tJITTER of 1 µs and a fPWM of 5 kHz, the hysteresis setting should be:
LN(1 µ s x 5 kHz x 2048)/LN(2) = 3.35 (4 LSBs).
tJITTER
Copyright © 2016, Texas Instruments Incorporated
16
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.1.2.3.3
PWM Master Fader Hysteresis
To prevent jitter on the input PWM signal from feeding through the PWM path and causing oscillations in the LED
current, the LP5569 device offers seven selectable hysteresis settings. The hysteresis works by forcing a specific
number of 11-bit LSB code transitions to occur in the input duty cycle before the LED current changes. Table 1
describes the hysteresis. The hysteresis only applies during a change in direction of brightness currents. Once
the change in direction has taken place, the PWM input must overcome the required LSB(s) of the hysteresis
setting before the brightness change takes effect. Once the initial hysteresis has been overcome and the
direction in brightness change remains the same, the PWM-to-current response changes with no hysteresis.
Table 1. PWM Input Hysteresis
HYSTERESIS
SETTING
(0x80 bits
[2:0])
MIN. CHANGE IN PWM PULSE
DURATION (Δt) REQUIRED TO
CHANGE LED CURRENT,
AFTER DIRECTION CHANGE
(for fPWM < 11.7 kHz)
MIN. CHANGE
IN PWM DUTY
CYCLE (ΔD)
REQUIRED TO
CHANGE LED
CURRENT
AFTER
DIRECTION
CHANGE
MIN (ΔILED), INCREASE FOR INITIAL CODE
EXPONENTIAL MODE
LINEAR MODE
000 (0 LSB)
1 / (fPWM × 2047)
0.05%
0.3%
0.05%
001 (1 LSB)
1 / (f PWM× 1023)
0.1%
0.61%
0.1%
010 (2 LSB)
1 / (fPWM × 511)
0.2%
1.21%
0.2%
011 (3 LSB)
1 / (fPWM × 255)
0.39%
2.4%
0.39%
100 (4 LSB)
1 / (fPWM × 127)
0.78%
4.74%
0.78%
101 (5 LSB)
1 / (fPWM × 63)
1.56%
9.26%
1.56%
110 (6 LSB)
1 / (fPWM × 31)
3.12%
17.66%
3.12%
Figure 17. PWM Hysteresis Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com