Electronic Components Datasheet Search
  English  ▼

X  

LP5569 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 58 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 54Page - Texas Instruments LP5569 Datasheet HTML 55Page - Texas Instruments LP5569 Datasheet HTML 56Page - Texas Instruments LP5569 Datasheet HTML 57Page - Texas Instruments LP5569 Datasheet HTML 58Page - Texas Instruments LP5569 Datasheet HTML 59Page - Texas Instruments LP5569 Datasheet HTML 60Page - Texas Instruments LP5569 Datasheet HTML 61Page - Texas Instruments LP5569 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 93 page
background image
58
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 51. ENGINE_STATUS Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
6
startup_busy
R
0h
A status bit which indicates that the device is running the internal
start-up sequence.
0 = Internal start-up sequence completed.
1 = Internal start-up sequence running
5
engine_busy
R
0h
A status bit which indicates that a program execution engine is
clearing internal registers. Serial bus master should not write or read
program memory, or registers 30h to 32h or 4Bh to 4Dh, when this
bit is set to 1.
0 = All engines ready
1 = At least one of the engines is clearing internal registers.
4–3
RESERVED
R
0h
Reserved
2
ch3_int
R
0h
Engine3 interrupt.
0 = Interrupt cleared
1 = Interrupt set
Interrupt is set by the END or INT instruction. Reading the
ENGINE_STATUS address clears the interrupt.
1
ch2_int
R
0h
Engine2 interrupt.
0 = Interrupt cleared
1 = Interrupt set
Interrupt is set by the END or INT instruction. Reading the
ENGINE_STATUS address clears the interrupt.
0
ch1_int
R
0h
Engine1 interrupt.
0 = Interrupt cleared
1 = Interrupt set
Interrupt is set by the END or INT instruction. Reading the
ENGINE_STATUS address clears the interrupt.
8.6.1.37 IO_CONTROL Register (Address = 3Dh) [reset = 2h]
IO_CONTROL is shown in Figure 63 and described in Table 52.
Return to Summary Table.
I/O Control Register
Figure 63. IO_CONTROL Register
7
6
5
4
3
2
1
0
RESERVED
en_clk_out
gpio_config
gpo
R/W-0h
R/W-0h
R/W-1h
R/W-0h
Table 52. IO_CONTROL Register Field Descriptions
Bit
Field
Type
Reset
Description
7–4
RESERVED
R/W
0h
3
en_clk_out
R/W
0h
0 = CLK pin is an input (default)
1 = CLK pin is an output driven by the internal 32-kHz oscillator
2–1
gpio_config
R/W
1h
GPIO configuration
00 = Trigger for LED engines
01 = Interrupt from LED engines (default)
10 = GPO register bit controlled by I2C (output only)
11 = GPO register bit controlled by I2C (output only)
0
gpo
R/W
0h
GPIO pin control when gpio_config = 10 or 11
0 = GPIO/TRIG/INT pin Low
1 = GPIO/TRIG/INT pin High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com