Electronic Components Datasheet Search
  English  ▼

X  

LP5569 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 56 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 52Page - Texas Instruments LP5569 Datasheet HTML 53Page - Texas Instruments LP5569 Datasheet HTML 54Page - Texas Instruments LP5569 Datasheet HTML 55Page - Texas Instruments LP5569 Datasheet HTML 56Page - Texas Instruments LP5569 Datasheet HTML 57Page - Texas Instruments LP5569 Datasheet HTML 58Page - Texas Instruments LP5569 Datasheet HTML 59Page - Texas Instruments LP5569 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 93 page
background image
56
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 46. MISC Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
0
int_clk_en
R/W
0h
Internal 32-kHz clock-enable select
0 = External 32-kHz clock is used from CLK input pin (default)
1 = Internal 32-kHz oscillator is enabled
Note: This bit is STATIC and should only be changed when
CONFIG.CHIP_EN = 0.
8.6.1.32 ENGINE1_PC Register (Address = 30h) [reset = 0h]
ENGINE1_PC is shown in Figure 58 and described in Table 47.
Return to Summary Table.
Engine1 Program Counter Register
Figure 58. ENGINE1_PC Register
7
6
5
4
3
2
1
0
engine1_pc
R/W-0h
Table 47. ENGINE1_PC Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
engine1_pc
R/W
0h
Program counter starting value for program execution engine 1.
8.6.1.33 ENGINE2_PC Register (Address = 31h) [reset = 0h]
ENGINE2_PC is shown in Figure 59 and described in Table 48.
Return to Summary Table.
Engine2 Program Counter Register
Figure 59. ENGINE2_PC Register
7
6
5
4
3
2
1
0
engine2_pc
R/W-0h
Table 48. ENGINE2_PC Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
engine2_pc
R/W
0h
Program counter starting value for program execution engine 2.
8.6.1.34 ENGINE3_PC Register (Address = 32h) [reset = 0h]
ENGINE3_PC is shown in Figure 60 and described in Table 49.
Return to Summary Table.
Engine3 Program Counter Register
Figure 60. ENGINE3_PC Register
7
6
5
4
3
2
1
0
engine3_pc
R/W-0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com