Electronic Components Datasheet Search
  English  ▼

X  

LP5569 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 5Page - Texas Instruments LP5569 Datasheet HTML 6Page - Texas Instruments LP5569 Datasheet HTML 7Page - Texas Instruments LP5569 Datasheet HTML 8Page - Texas Instruments LP5569 Datasheet HTML 9Page - Texas Instruments LP5569 Datasheet HTML 10Page - Texas Instruments LP5569 Datasheet HTML 11Page - Texas Instruments LP5569 Datasheet HTML 12Page - Texas Instruments LP5569 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
VVIN (V)
2.5
3
3.5
4
4.5
5
5.5
7
7.4
7.8
8.2
8.6
9
9.4
9.8
10.2
D006
Internal CLK
External CLK
Load Current (A)
0
0.02 0.04 0.06 0.08
0.1
0.12 0.14 0.16 0.18
0.2
0.625
0.65
0.675
0.7
0.725
0.75
0.775
0.8
0.825
0.85
0.875
0.9
D004
D004
D004
VVIN = 3 V
VVIN = 3.3 V
VVIN = 3.6 V
VVIN = 3.9 V
VVIN = 4.2 V
Load Current (mA)
0
10
20
30
40
50
60
70
80
90 100 110 120
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
D005
VVIN = 2.5 V
VVIN = 3 V
VVIN = 3.3 V
VVIN = 3.6 V
VVIN = 3.9 V
VVIN = 4.2 V
9
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.12 Typical Characteristics
Unless otherwise specified: VVIN = 3.6 V, CIN = COUT = 1 μF, C1 = C2 = 1 μF, TA = 25°C. CIN, COUT, C1, C2: Low-ESR surface-
mount ceramic capacitors (MLCCs) used in setting electrical characteristics.
Figure 3. Charge Pump 1.5× Efficiency vs Load Current
Figure 4. Output Voltage of the Charge Pump (1.5×) as a
Function of Load Current at Six Input Voltage Levels
Figure 5. Charge Pump (1×) Start-Up Waveform
Figure 6. Charge Pump (1.5×) Start-Up Waveform
Figure 7. Charge Pump (Auto) Start-Up Waveform
Figure 8. Supply Current in Power-Save Mode vs VVIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com