Electronic Components Datasheet Search
  English  ▼

X  

LP5569 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 16Page - Texas Instruments LP5569 Datasheet HTML 17Page - Texas Instruments LP5569 Datasheet HTML 18Page - Texas Instruments LP5569 Datasheet HTML 19Page - Texas Instruments LP5569 Datasheet HTML 20Page - Texas Instruments LP5569 Datasheet HTML 21Page - Texas Instruments LP5569 Datasheet HTML 22Page - Texas Instruments LP5569 Datasheet HTML 23Page - Texas Instruments LP5569 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 93 page
background image
Copyright © 2016, Texas Instruments Incorporated
CLK
GPIO/TRIG/INT
VIN
ADDR
CLK
GPIO/TRIG/INT
VIN
ADDR
CLK
GPIO/TRIG/INT
VIN
ADDR
CLK
GPIO/TRIG/INT
VIN
ADDR
VIN
VIN
Set up as
Clock master
SCL
SDA
SCL
SDA
SCL
SDA
SCL
SDA
VIN
VIN
SDA
SCL
SCL
SDA
VIN
SDA
SCL
SDA
SCL
V1P8
V1P8
V1P8
V1P8
1.8V
1.8V
1.8V
1.8V
20
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
3. Set the chip_en bit in the CONFIG register = 1 and the LP5569 device to the NORMAL state.
4. Wait at least 500 µs.
5. Enable all LEDs, and set brightness to 100%.
6. Set the LED_SHORT_TEST bit = 1 in the MISC2 register (address 33h).
7. Wait at least 500 µs.
8. Check the fault status of the LED Fault1 and LED Fault2 registers.
9. Set the LED_SHORT_TEST bit = 0 in in the MISC2 register (address 33h).
10. Set all LEDs to 0% brightness.
8.3.6 Clock Generation and Synchronization
The LP5569 device can generate a 32-kHz clock signal and use it for synchronizing multiple devices. The CLK
pin is configured as an input by default. When the EN_CLK_OUT bit = 1 in the IO_CONTROL register (address
3Dh) the LP5569 device drives the CLK pin using its 32-kHz oscillator.
Figure 19. Synchronizing Multiple Devices Using the Clock Generator
8.3.7 GPIO/TRIG/INT Multifunctional I/O
The GPIO/TRIG/INT pin is configured by the GPIO_CONFIG bits in the IO_CONTROL register (address 3Dh).
The default configuration for this pin is the INT function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com