Electronic Components Datasheet Search
  English  ▼

X  

LP5569 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 48 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 44Page - Texas Instruments LP5569 Datasheet HTML 45Page - Texas Instruments LP5569 Datasheet HTML 46Page - Texas Instruments LP5569 Datasheet HTML 47Page - Texas Instruments LP5569 Datasheet HTML 48Page - Texas Instruments LP5569 Datasheet HTML 49Page - Texas Instruments LP5569 Datasheet HTML 50Page - Texas Instruments LP5569 Datasheet HTML 51Page - Texas Instruments LP5569 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 93 page
background image
48
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 27. LED8_CONTROL Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3
exp_en8
R/W
0h
0 = Linear adjustment (default)
1 = Exponential adjustment
This bit is effective for both the program execution engine control
and direct PWM control.
2
external_power8
R/W
0h
0 = LED is powered by charge pump (default)
1 = LED is powered by external power source
1–0
RESERVED
R/W
0h
8.6.1.13 LED0_PWM Register (Address = 16h) [reset = 0h]
LED0_PWM is shown in Figure 39 and described in Table 28.
Return to Summary Table.
LED0 PWM Register
This is the PWM duty cycle control for the LED0 output.
Figure 39. LED0_PWM Register
7
6
5
4
3
2
1
0
pwm0
R/W-0h
Table 28. LED0_PWM Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
pwm0
R/W
0h
00h = 0% duty cycle (default)
...
80h = 50% duty cycle
...
FFh = 100% duty cycle
8.6.1.14 LED1_PWM Register (Address = 17h) [reset = 0h]
LED1_PWM is shown in Figure 40 and described in Table 29.
Return to Summary Table.
LED1 PWM Register
This is the PWM duty cycle control for the LED1 output.
Figure 40. LED1_PWM Register
7
6
5
4
3
2
1
0
pwm1
R/W-0h
Table 29. LED1_PWM Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
pwm1
R/W
0h
00h = 0% duty cycle (default)
...
80h = 50% duty cycle
...
FFh = 100% duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com