Electronic Components Datasheet Search
  English  ▼

X  

LP5569 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 23Page - Texas Instruments LP5569 Datasheet HTML 24Page - Texas Instruments LP5569 Datasheet HTML 25Page - Texas Instruments LP5569 Datasheet HTML 26Page - Texas Instruments LP5569 Datasheet HTML 27Page - Texas Instruments LP5569 Datasheet HTML 28Page - Texas Instruments LP5569 Datasheet HTML 29Page - Texas Instruments LP5569 Datasheet HTML 30Page - Texas Instruments LP5569 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
27
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
These instructions are compatible with the LP5523 and LP55231 mux_* LED mapping instructions.
(2)
x - The instruction activates LED mapping to the driver when the instruction is executed.
Table 5. LED Mapping Instructions
INSTRUCTION(1)
ACT(2)
USAGE
COMPILER EXAMPLE
load_start
Define the LED mapping-table start address in SRAM.
load_start 01h; starting address
at 01h
map_start
x
Define the LED mapping-table start address in SRAM and set that
address active.
map_start 01h; starting address
at 01h
load_end
Define the last address of the LED mapping table in SRAM.
load_end 03h; last address at
03h
map_sel
x
Connect one LED driver to the LED engine.
map_sel 0; select LED0 as
output
map_clr
x
Clear the LED driver mappings in an engine
map_clr
map_next
x
Select the next address in the LED mapping table and set that address
active.
map_next
map_prev
x
Select the previous address in the LED mapping table and set that
address active.
map_prev
load_next
Move the mapping-table pointer to the next address.
load_next
load_prev
Move the mapping-table pointer to the previous address.
load_prev
load_addr
Set the mapping-table pointer to the assigned address.
load_addr 02h; set pointer to
02h
map_addr
x
Set the mapping-table pointer to the assigned address and set that
address active.
map_addr 02h; set mapping to
02h
(1)
This opcode is used with numerical operands.
(2)
This opcode is used with variables.
(3)
This is a new instruction, not available in LP5523 or LP55231
Table 6. Branch Instructions
INSTRUCTION
USAGE
COMPILER EXAMPLE
rst
Reset program counter to zero.
Reset
branch(1)
Branch to address. The number of loops can be set to a value or
do an infinite loop.
branch 20, loop1; do 20 loops to loop1 label
branch(2)
Branch to address. The loop count can be one of four variables A,
B, C, or D.
ld ra, 20 branch ra, loop1; do 20 loops to
loop1 label
int
Send an interrupt to the host system by pulling the GPIO/TRIG/INT
pin low.
int
end
End program execution and reset the program counter to zero.
Can also the set GPIO/TRIG/INT pin high and/or reset mapped
LED PWM and engine LED mapping.
end; end and reset LEDs.
trigger
Wait or send trigger. The trigger can be sent or received from an
external pin or another engine.
trigger w{e}; wait for external trigger
trig_clear(3)
Clear pending triggers.
trig_clear
jne
Jump if not equal. A != B
Jump to loop1 if A != B: jne ra, rb, loop1
jl
Jump if less. A < B
Jump to loop1 if A < B : jl ra, rb, loop1
jge
Jump if greater or equal. A
≥ B
Jump to loop1 if A >= B: jge ra, rb, loop1
je
Jump if equal. A = B
Jump to loop1 if A = B: je ra, rb, loop1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com