Electronic Components Datasheet Search
  English  ▼

X  

LP5569 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 34Page - Texas Instruments LP5569 Datasheet HTML 35Page - Texas Instruments LP5569 Datasheet HTML 36Page - Texas Instruments LP5569 Datasheet HTML 37Page - Texas Instruments LP5569 Datasheet HTML 38Page - Texas Instruments LP5569 Datasheet HTML 39Page - Texas Instruments LP5569 Datasheet HTML 40Page - Texas Instruments LP5569 Datasheet HTML 41Page - Texas Instruments LP5569 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 93 page
background image
38
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.6 Register Maps
8.6.1 LP5569_MAP Registers
Table 14 lists the memory-mapped registers for the LP5569_MAP. All register offset addresses not listed in
Table 14 should be considered as reserved locations and the register contents should not be modified.
Table 14. LP5569_MAP Registers
ADDRESS
ACRONYM
REGISTER NAME
SECTION
0h
CONFIG
Configuration Register
Go
1h
LED_ENGINE_CONTROL1
Engine Execution Control Register
Go
2h
LED_ENGINE_CONTROL2
Engine Operation Mode Register
Go
7h
LED0_CONTROL
LED0 Control Register
Go
8h
LED1_CONTROL
LED1 Control Register
Go
9h
LED2_CONTROL
LED2 Control Register
Go
Ah
LED3_CONTROL
LED3 Control Register
Go
Bh
LED4_CONTROL
LED4 Control Register
Go
Ch
LED5_CONTROL
LED5 Control Register
Go
Dh
LED6_CONTROL
LED6 Control Register
Go
Eh
LED7_CONTROL
LED7 Control Register
Go
Fh
LED8_CONTROL
LED8 Control Register
Go
16h
LED0_PWM
LED0 PWM Duty Cycle
Go
17h
LED1_PWM
LED1 PWM Duty Cycle
Go
18h
LED2_PWM
LED2 PWM Duty Cycle
Go
19h
LED3_PWM
LED3 PWM Duty Cycle
Go
1Ah
LED4_PWM
LED4 PWM Duty Cycle
Go
1Bh
LED5_PWM
LED5 PWM Duty Cycle
Go
1Ch
LED6_PWM
LED6 PWM Duty Cycle
Go
1Dh
LED7_PWM
LED7 PWM Duty Cycle
Go
1Eh
LED8_PWM
LED8 PWM Duty Cycle
Go
22h
LED0_CURRENT
LED0 Current Control
Go
23h
LED1_CURRENT
LED1 Current Control
Go
24h
LED2_CURRENT
LED2 Current Control
Go
25h
LED3_CURRENT
LED3 Current Control
Go
26h
LED4_CURRENT
LED4 Current Control
Go
27h
LED5_CURRENT
LED5 Current Control
Go
28h
LED6_CURRENT
LED6 Current Control
Go
29h
LED7_CURRENT
LED7 Current Control
Go
2Ah
LED8_CURRENT
LED8 Current Control
Go
2Fh
MISC
I2C, Charge Pump and Clock Configuration
Go
30h
ENGINE1_PC
Engine1 Program Counter
Go
31h
ENGINE2_PC
Engine2 Program Counter
Go
32h
ENGINE3_PC
Engine3 Program Counter
Go
33h
MISC2
Charge Pump and LED Configuration
Go
3Ch
ENGINE_STATUS
Engine 1, 2 & 3 Status
Go
3Dh
IO_CONTROL
TRIG, INT and CLK Configuration
Go
3Eh
VARIABLE_D
Global Variable D
Go
3Fh
RESET
Software Reset
Go
42h
ENGINE1_VARIABLE_A
Engine 1 Local Variable A
Go
43h
ENGINE2_VARIABLE_A
Engine 2 Local Variable A
Go
44h
ENGINE3_VARIABLE_A
Engine 3 Local Variable A
Go



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com