Electronic Components Datasheet Search
  English  ▼

X  

LP5569 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 10Page - Texas Instruments LP5569 Datasheet HTML 11Page - Texas Instruments LP5569 Datasheet HTML 12Page - Texas Instruments LP5569 Datasheet HTML 13Page - Texas Instruments LP5569 Datasheet HTML 14Page - Texas Instruments LP5569 Datasheet HTML 15Page - Texas Instruments LP5569 Datasheet HTML 16Page - Texas Instruments LP5569 Datasheet HTML 17Page - Texas Instruments LP5569 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
0,0
64,0
128,0
192,0
256,0
DIMMING CONTROL (DEC)
100,0
80,0
60,0
40,0
20,0
0,0
0
64
128
192
256
100
80
60
40
20
0
14
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
Figure 14. 8-Bit User PWM Control, Exponential and Linear Dimming
8.3.1.2 Controlling the Low-Side Current Sinks
8.3.1.2.1
Direct Register Control
All LP5569 LED drivers, LED0 to LED8, can be controlled independently through the two-wire serial I2C-
compatible interface. For each low-side driver there is an 8-bit PWM control register which can be used to control
the LED PWM duty-cycle value. This register cannot be written when the program execution engine is active,
which could result in undesirable behavior. Care should be taken to update these registers only when the
program execution engine is idle.
8.3.1.2.2
Controlling by Program Execution Engines
Engine control is used when the user wants to create programmed sequences. The program execution engine
updates the direct-control registers when active. Therefore, if the user has set the PWM register to a certain
value, it is automatically overridden when the program execution engine controls the driver. LED control and
program-execution-engine operation is described in Programming.
8.3.1.2.3
Master Fader Control
In addition to LED-by-LED PWM register control, the LP5569 device is equipped with a master-fader control,
which allows the user to fade in or fade out multiple LEDs from the EN/PWM pin or by writing to the master fader
registers. This is a useful function to minimize serial bus traffic between the MCU and the LP5569 device. The
LP5569 device has three master fader registers, so it is possible to form three master fader groups. Either writing
master fader registers through the I2C interface directly or through LED engine control can set the master fader
register values. The final output PWM duty cycle is the PWM register duty-cycle value multiplied by the duty-
cycle value of the master fader register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com