Electronic Components Datasheet Search
  English  ▼

X  

LP5569 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 83 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 79Page - Texas Instruments LP5569 Datasheet HTML 80Page - Texas Instruments LP5569 Datasheet HTML 81Page - Texas Instruments LP5569 Datasheet HTML 82Page - Texas Instruments LP5569 Datasheet HTML 83Page - Texas Instruments LP5569 Datasheet HTML 84Page - Texas Instruments LP5569 Datasheet HTML 85Page - Texas Instruments LP5569 Datasheet HTML 86Page - Texas Instruments LP5569 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 93 page
background image
83
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
The charge pump basically has three areas of concern regarding component placement:
•
The flying capacitors
•
The output capacitor
•
The input capacitor
11.1.1 Flying Capacitor Placement
The charge pump flying capacitors must quickly charge up and then supply current to the output every switching
cycle. Because the charge-pump switching frequency is 1.25 MHz, the capacitor must be a low-inductance and
low-resistance ceramic. Additionally, there must be a low-inductive connection between the flying capacitors and
LP5569 pins C1P, C2P, C1M, and C2M.
11.1.2 Output Capacitor Placement
The charge-pump output capacitor is charged by the flying capacitor every switching cycle (1.25 MHz). This fast
switching action requires that a low-inductance and low-resistance capacitor (ceramic) be used and that the
output capacitor be connected to the LP5569 VOUT pin with a low-inductance connection. This is done by
placing the output capacitor as close as possible to the VOUT and PGND pins of the LP5569 device, with
connections on the same layer to avoid vias.
11.1.3 Input Capacitor Placement
The charge pump input capacitor is discharged by the flying capacitor every switching cycle (0.8 µs). This fast
switching action requires that a low-inductance and low-resistance capacitor (ceramic) be used and that the input
capacitor be connected to the LP5569 VIN pin with a low-inductive connection. This is done by placing the output
capacitor as close as possible to the VOUT and AGND pins of the LP5569 device, with connections on the same
layer to avoid vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com