Electronic Components Datasheet Search
  English  ▼

X  

LP5569 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 54 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 50Page - Texas Instruments LP5569 Datasheet HTML 51Page - Texas Instruments LP5569 Datasheet HTML 52Page - Texas Instruments LP5569 Datasheet HTML 53Page - Texas Instruments LP5569 Datasheet HTML 54Page - Texas Instruments LP5569 Datasheet HTML 55Page - Texas Instruments LP5569 Datasheet HTML 56Page - Texas Instruments LP5569 Datasheet HTML 57Page - Texas Instruments LP5569 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 93 page
background image
54
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 42. LED5_CURRENT Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
current5
R/W
AFh
00h = 0.0 mA
01h = 0.1 mA
...
AFh = 17.5 mA (default)
...
FFh = 25.5 mA
8.6.1.28 LED6_CURRENT Register (Address = 28h) [reset = AFh]
LED6_CURRENT is shown in Figure 54 and described in Table 43.
Return to Summary Table.
LED6 Current Register
LED6 driver output current control register. The resolution is 8 bits, and step size is 100 μA.
Figure 54. LED6_CURRENT Register
7
6
5
4
3
2
1
0
current6
R/W-AFh
Table 43. LED6_CURRENT Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
current6
R/W
AFh
00h = 0.0 mA
01h = 0.1 mA
...
AFh = 17.5 mA (default)
...
FFh = 25.5 mA
8.6.1.29 LED7_CURRENT Register (Address = 29h) [reset = AFh]
LED7_CURRENT is shown in Figure 55 and described in Table 44.
Return to Summary Table.
LED7 Current Register
LED7 driver output current control register. The resolution is 8 bits, and step size is 100 μA.
Figure 55. LED7_CURRENT Register
7
6
5
4
3
2
1
0
current7
R/W-AFh
Table 44. LED7_CURRENT Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
current7
R/W
AFh
00h = 0.0 mA
01h = 0.1 mA
...
AFh = 17.5 mA (default)
...
FFh = 25.5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com