Electronic Components Datasheet Search
  English  ▼

X  

LP5569 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 91 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 85Page - Texas Instruments LP5569 Datasheet HTML 86Page - Texas Instruments LP5569 Datasheet HTML 87Page - Texas Instruments LP5569 Datasheet HTML 88Page - Texas Instruments LP5569 Datasheet HTML 89Page - Texas Instruments LP5569 Datasheet HTML 90Page - Texas Instruments LP5569 Datasheet HTML 91Page - Texas Instruments LP5569 Datasheet HTML 92Page - Texas Instruments LP5569 Datasheet HTML 93Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 91 / 93 page
background image
NOTES: (continued)
3. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271)
.
EXAMPLE BOARD LAYOUT
4219135/A 11/2016
www.ti.com
WQFN - 0.8 mm max height
RTW0024B
PLASTIC QUAD FLATPACK-NO LEAD
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE: 20X
( 2.45)
24X (0.6)
24X (0.24)
1
6
7
12
13
18
19
24
(3.8)
(0.97)
(3.8)
(0.97)
25
(R0.05)
TYP
20X (0.5)
(Ø0.2) TYP
VIA
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
METAL
SOLDER MASK
OPENING
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com