Electronic Components Datasheet Search
  English  ▼

X  

LP5569 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 51 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 47Page - Texas Instruments LP5569 Datasheet HTML 48Page - Texas Instruments LP5569 Datasheet HTML 49Page - Texas Instruments LP5569 Datasheet HTML 50Page - Texas Instruments LP5569 Datasheet HTML 51Page - Texas Instruments LP5569 Datasheet HTML 52Page - Texas Instruments LP5569 Datasheet HTML 53Page - Texas Instruments LP5569 Datasheet HTML 54Page - Texas Instruments LP5569 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
51
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
This is the PWM duty cycle control for the LED7 output.
Figure 46. LED7_PWM Register
7
6
5
4
3
2
1
0
pwm7
R/W-0h
Table 35. LED7_PWM Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
pwm7
R/W
0h
00h = 0% duty cycle (default)
...
80h = 50% duty cycle
...
FFh = 100% duty cycle
8.6.1.21 LED8_PWM Register (Address = 1Eh) [reset = 0h]
LED8_PWM is shown in Figure 47 and described in Table 36.
Return to Summary Table.
LED8 PWM Register
This is the PWM duty cycle control for the LED8 output.
Figure 47. LED8_PWM Register
7
6
5
4
3
2
1
0
pwm8
R/W-0h
Table 36. LED8_PWM Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
pwm8
R/W
0h
00h = 0% duty cycle (default)
...
80h = 50% duty cycle
...
FFh = 100% duty cycle
8.6.1.22 LED0_CURRENT Register (Address = 22h) [reset = AFh]
LED0_CURRENT is shown in Figure 48 and described in Table 37.
Return to Summary Table.
LED0 Current Register
LED0 driver output current control register. The resolution is 8 bits, and step size is 100 μA.
Figure 48. LED0_CURRENT Register
7
6
5
4
3
2
1
0
current0
R/W-AFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com