Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 44 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 44 Page - SPANSION

Back Button S71PL254 Datasheet HTML 40Page - SPANSION S71PL254 Datasheet HTML 41Page - SPANSION S71PL254 Datasheet HTML 42Page - SPANSION S71PL254 Datasheet HTML 43Page - SPANSION S71PL254 Datasheet HTML 44Page - SPANSION S71PL254 Datasheet HTML 45Page - SPANSION S71PL254 Datasheet HTML 46Page - SPANSION S71PL254 Datasheet HTML 47Page - SPANSION S71PL254 Datasheet HTML 48Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 196 page
background image
44
S29PL127J/S29PL064J/S29PL032J for MCP
S29PL127J_064J_032J_MCP_00_A3 August 12, 2004
Advance
I n f o rmation
Table 5. PL064J Sector Architecture
Bank
Sector
Sector Address (A22-A12)
Sector Size (Kwords)
Address Range (x16)
SA0
0000000000
4
000000h–000FFFh
SA1
0000000001
4
001000h–001FFFh
SA2
0000000010
4
002000h–002FFFh
SA3
0000000011
4
003000h–003FFFh
SA4
0000000100
4
004000h–004FFFh
SA5
0000000101
4
005000h–005FFFh
SA6
0000000110
4
006000h–006FFFh
SA7
0000000111
4
007000h–007FFFh
SA8
0000001XXX
32
008000h–00FFFFh
SA9
0000010XXX
32
010000h–017FFFh
SA10
0000011XXX
32
018000h–01FFFFh
SA11
0000100XXX
32
020000h–027FFFh
SA12
0000101XXX
32
028000h–02FFFFh
SA13
0000110XXX
32
030000h–037FFFh
SA14
0000111XXX
32
038000h–03FFFFh
SA15
0001000XXX
32
040000h–047FFFh
SA16
0001001XXX
32
048000h–04FFFFh
SA17
0001010XXX
32
050000h–057FFFh
SA18
0001011XXX
32
058000h–05FFFFh
SA19
0001100XXX
32
060000h–067FFFh
SA20
0001101XXX
32
068000h–06FFFFh
SA21
0001110XXX
32
070000h–077FFFh
SA22
0001111XXX
32
078000h–07FFFFh
SA23
0010000XXX
32
080000h–087FFFh
SA24
0010001XXX
32
088000h–08FFFFh
SA25
0010010XXX
32
090000h–097FFFh
SA26
0010011XXX
32
098000h–09FFFFh
SA27
0010100XXX
32
0A0000h–0A7FFFh
SA28
0010101XXX
32
0A8000h–0AFFFFh
SA29
0010110XXX
32
0B0000h–0B7FFFh
SA30
0010111XXX
32
0B8000h–0BFFFFh
SA31
0011000XXX
32
0C0000h–0C7FFFh
SA32
0011001XXX
32
0C8000h–0CFFFFh
SA33
0011010XXX
32
0D0000h–0D7FFFh
SA34
0011011XXX
32
0D8000h–0DFFFFh
SA35
0011100XXX
32
0E0000h–0E7FFFh
SA36
0011101XXX
32
0E8000h–0EFFFFh
SA37
0011110XXX
32
0F0000h–0F7FFFh
SA38
0011111XXX
32
0F8000h–0FFFFFh
SA39
0100000XXX
32
100000h–107FFFh
SA40
0100001XXX
32
108000h–10FFFFh
SA41
0100010XXX
32
110000h–117FFFh
SA42
0100011XXX
32
118000h–11FFFFh
SA43
0100100XXX
32
120000h–127FFFh
SA44
0100101XXX
32
128000h–12FFFFh
SA45
0100110XXX
32
130000h–137FFFh
SA46
0100111XXX
32
138000h–13FFFFh
SA47
0101000XXX
32
140000h–147FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com