Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 46 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 46 Page - SPANSION

Back Button S71PL254 Datasheet HTML 42Page - SPANSION S71PL254 Datasheet HTML 43Page - SPANSION S71PL254 Datasheet HTML 44Page - SPANSION S71PL254 Datasheet HTML 45Page - SPANSION S71PL254 Datasheet HTML 46Page - SPANSION S71PL254 Datasheet HTML 47Page - SPANSION S71PL254 Datasheet HTML 48Page - SPANSION S71PL254 Datasheet HTML 49Page - SPANSION S71PL254 Datasheet HTML 50Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 196 page
background image
46
S29PL127J/S29PL064J/S29PL032J for MCP
S29PL127J_064J_032J_MCP_00_A3 August 12, 2004
Advance
I n f o rmation
SA96
1011001XXX
32
2C8000h–2CFFFFh
SA97
1011010XXX
32
2D0000h–2D7FFFh
SA98
1011011XXX
32
2D8000h–2DFFFFh
SA99
1011100XXX
32
2E0000h–2E7FFFh
SA100
1011101XXX
32
2E8000h–2EFFFFh
SA101
1011110XXX
32
2F0000h–2F7FFFh
SA102
1011111XXX
32
2F8000h–2FFFFFh
SA103
1100000XXX
32
300000h–307FFFh
SA104
1100001XXX
32
308000h–30FFFFh
SA105
1100010XXX
32
310000h–317FFFh
SA106
1100011XXX
32
318000h–31FFFFh
SA107
1100100XXX
32
320000h–327FFFh
SA108
1100101XXX
32
328000h–32FFFFh
SA109
1100110XXX
32
330000h–337FFFh
SA110
1100111XXX
32
338000h–33FFFFh
SA111
1101000XXX
32
340000h–347FFFh
SA112
1101001XXX
32
348000h–34FFFFh
SA113
1101010XXX
32
350000h–357FFFh
SA114
1101011XXX
32
358000h–35FFFFh
SA115
1101100XXX
32
360000h–367FFFh
SA116
1101101XXX
32
368000h–36FFFFh
SA117
1101110XXX
32
370000h–377FFFh
SA118
1101111XXX
32
378000h–37FFFFh
SA119
1110000XXX
32
380000h–387FFFh
SA120
1110001XXX
32
388000h–38FFFFh
SA121
1110010XXX
32
390000h–397FFFh
SA122
1110011XXX
32
398000h–39FFFFh
SA123
1110100XXX
32
3A0000h–3A7FFFh
SA124
1110101XXX
32
3A8000h–3AFFFFh
SA125
1110110XXX
32
3B0000h–3B7FFFh
SA126
1110111XXX
32
3B8000h–3BFFFFh
SA127
1111000XXX
32
3C0000h–3C7FFFh
SA128
1111001XXX
32
3C8000h–3CFFFFh
SA129
1111010XXX
32
3D0000h–3D7FFFh
SA130
1111011XXX
32
3D8000h–3DFFFFh
SA131
1111100XXX
32
3E0000h–3E7FFFh
SA132
1111101XXX
32
3E8000h–3EFFFFh
SA133
1111110XXX
32
3F0000h–3F7FFFh
SA134
1111111000
4
3F8000h–3F8FFFh
SA135
1111111001
4
3F9000h–3F9FFFh
SA136
1111111010
4
3FA000h–3FAFFFh
SA137
1111111011
4
3FB000h–3FBFFFh
SA138
1111111100
4
3FC000h–3FCFFFh
SA139
1111111101
4
3FD000h–3FDFFFh
SA140
1111111110
4
3FE000h–3FEFFFh
SA141
1111111111
4
3FF000h–3FFFFFh
Table 5. PL064J Sector Architecture (Continued)
Bank
Sector
Sector Address (A22-A12)
Sector Size (Kwords)
Address Range (x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com