Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 86 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 86 Page - SPANSION

Back Button S71PL254 Datasheet HTML 82Page - SPANSION S71PL254 Datasheet HTML 83Page - SPANSION S71PL254 Datasheet HTML 84Page - SPANSION S71PL254 Datasheet HTML 85Page - SPANSION S71PL254 Datasheet HTML 86Page - SPANSION S71PL254 Datasheet HTML 87Page - SPANSION S71PL254 Datasheet HTML 88Page - SPANSION S71PL254 Datasheet HTML 89Page - SPANSION S71PL254 Datasheet HTML 90Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 196 page
background image
86
S29PL127J/S29PL064J/S29PL032J for MCP
S29PL127J_064J_032J_MCP_00_A3 August 12, 2004
Advance
I n f o rmation
Read Operations
Notes:
1. Not 100% tested.
2. See Figure 9 and Table 21 for test specifications.
3. Measurements performed by placing a 50 ohm termination on the data pin with a bias of VCC /2. The time from OE#
high to the data bus driven to VCC /2 is taken as tDF.
4. For 70pF Output Load Capacitance, 2 ns will be added to the above tACC,tCE,tPACC,tOE values for all speed grades.
Table 23. Read-Only Operations
Parameter
Description
Test Setup
Speed Options
JEDEC
Std.
55
60
65
70
Unit
tAVAV
tRC Read Cycle Time (Note 1)
Min
55
60
65
70
ns
tAVQV
tACC Address to Output Delay
CE#, OE# = VIL
Max
55
60
65
70
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
55
60
65
70
ns
tPACC Page Access Time
Max
20
25
30
ns
tGLQV
tOE Output Enable to Output Delay
Max
20
25
30
ns
tEHQZ
tDF
Chip Enable to Output High Z (Note 3)
Max
16
ns
tGHQZ
tDF
Output Enable to Output High Z (Notes 1,
3)
Max
16
ns
tAXQX
tOH
Output Hold Time From Addresses, CE# or
OE#, Whichever Occurs First (Note 3)
Min
5
ns
tOEH
Output Enable Hold
Time (Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
Figure 11. Read Operation Timings
tOH
tCE
Data
WE#
Addresses
CE#
OE#
HIGH Z
Valid Data
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tRH
tOE
tRH
0 V
RY/BY#
RESET#
tDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com