Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 98 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 98 Page - SPANSION

Back Button S71PL254 Datasheet HTML 94Page - SPANSION S71PL254 Datasheet HTML 95Page - SPANSION S71PL254 Datasheet HTML 96Page - SPANSION S71PL254 Datasheet HTML 97Page - SPANSION S71PL254 Datasheet HTML 98Page - SPANSION S71PL254 Datasheet HTML 99Page - SPANSION S71PL254 Datasheet HTML 100Page - SPANSION S71PL254 Datasheet HTML 101Page - SPANSION S71PL254 Datasheet HTML 102Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 196 page
background image
98
Type 2 pSRAM
pSRAM_Type02_15A0 May 3, 2004
Advance
I n f o rmation
Type 2 pSRAM
16Mb (1Mb Word x 16-bit)
32Mb (2Mb Word x 16-bit)
64Mb (4Mb Word x 16-bit)
Features
Process Technology: CMOS
Organization: x16 bit
Power Supply Voltage: 2.7~3.1V
Three State Outputs
Compatible with Low Power SRAM
Product Information
Pin Description
Density
VCC Range
Standby
(ISB1, Max.)
Operating
(ICC2, Max.)
Mode
16Mb
2.7-3.1V
80 µA
30 mA
Dual CS
16Mb
2.7-3.1V
80 µA
35 mA
Dual CS and Page Mode
32Mb
2.7-3.1V
100 µA
35 mA
Dual CS
32Mb
2.7-3.1V
100 µA
40 mA
Dual CS and Page Mode
64Mb
2.7-3.1V
TBD
TBD
Dual CS
64Mb
2.7-3.1V
TBD
TBD
Dual CS and Page Mode
Pin Name
Description
I/O
CS1#, CS2
Chip Select
I
OE#
Output Enable
I
WE#
Write Enable
I
LB#, UB#
Lower/Upper Byte Enable
I
A0-A19 (16M)
A0-A20 (32M)
A0-A21 (64M)
Address Inputs
I
I/O0-I/O15
Data Inputs/Outputs
I/O
VCC/VCCQ
Power Supply
—
VSS/VSSQ
Ground
—
NC
Not Connection
—
DNU
Do Not Use
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com