Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 15 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 15 Page - SPANSION

Back Button S71PL254 Datasheet HTML 11Page - SPANSION S71PL254 Datasheet HTML 12Page - SPANSION S71PL254 Datasheet HTML 13Page - SPANSION S71PL254 Datasheet HTML 14Page - SPANSION S71PL254 Datasheet HTML 15Page - SPANSION S71PL254 Datasheet HTML 16Page - SPANSION S71PL254 Datasheet HTML 17Page - SPANSION S71PL254 Datasheet HTML 18Page - SPANSION S71PL254 Datasheet HTML 19Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 196 page
background image
November 22, 2004 S71PL254/127/064/032J_00_A6
15
Advance
I n f o rmatio n
S71PL032J Valid Combinations
Speed Options
(ns)
(p)SRAM
Type/Access
Time (ns)
Package
Marking
Base Ordering
Part Number
Package &
Temperature
Package Modifier/
Model Number
Packing Type
S71PL032J04
BAW
0B
0, 2, 3 (Note 1)
65
SRAM2 / 70
(Note 2)
S71PL032J04
0F
SRAM3 / 70
S71PL032J04
0K
SRAM4 / 70
S71PL032J40
0K
pSRAM4 / 70
S71PL032J80
0P
pSRAM5 / 70
S71PL032J08
0B
SRAM2 / 70
S71PL032J40
07
pSRAM1 / 70
S71PL032J80
07
pSRAM1 / 70
S71PL032JA0
07
65
pSRAM1 / 70
S71PL032JA0
0F
pSRAM3 / 70
S71PL032JA0
0Z
pSRAM2 / 70
S71PL032J04
BFW
0B
0, 2, 3 (Note 1)
65
SRAM2 / 70
(Note 2)
S71PL032J04
0F
SRAM3 / 70
S71PL032J04
0K
SRAM4 / 70
S71PL032J40
0K
pSRAM4 / 70
S71PL032J80
0P
pSRAM5 / 70
S71PL032J08
0B
SRAM2 / 70
S71PL032J40
07
pSRAM1 / 70
S71PL032J80
07
pSRAM1 / 70
S71PL032JA0
07
65
pSRAM1 / 70
S71PL032JA0
0F
pSRAM3 / 70
S71PL032JA0
0Z
pSRAM2 / 70
S71PL032J04
BAI
0B
0, 2, 3 (Note 1)
65
SRAM2 / 70
(Note 2)
S71PL032J04
0F
SRAM3 / 70
S71PL032J04
0K
SRAM4 / 70
S71PL032J40
0K
pSRAM4 / 70
S71PL032J80
0P
pSRAM5 / 70
S71PL032J08
0B
SRAM2 / 70
S71PL032J40
07
pSRAM1 / 70
S71PL032J80
07
pSRAM1 / 70
S71PL032JA0
07
65
pSRAM1 / 70
S71PL032JA0
0F
pSRAM3 / 70
S71PL032JA0
0Z
pSRAM2 / 70
S71PL032J04
BFI
0B
0, 2, 3 (Note 1)
65
SRAM2 / 70
(Note 2)
S71PL032J04
0F
SRAM3 / 70
S71PL032J04
0K
SRAM4 / 70
S71PL032J40
0K
pSRAM4 / 70
S71PL032J80
0P
pSRAM5 / 70
S71PL032J08
0B
SRAM2 / 70
S71PL032J40
07
pSRAM1 / 70
S71PL032J80
07
pSRAM1 / 70
S71PL032JA0
07
65
pSRAM1 / 70
S71PL032JA0
0F
pSRAM3 / 70
S71PL032JA0
0Z
pSRAM2 / 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com