Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 55 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 55 Page - SPANSION

Back Button S71PL254 Datasheet HTML 51Page - SPANSION S71PL254 Datasheet HTML 52Page - SPANSION S71PL254 Datasheet HTML 53Page - SPANSION S71PL254 Datasheet HTML 54Page - SPANSION S71PL254 Datasheet HTML 55Page - SPANSION S71PL254 Datasheet HTML 56Page - SPANSION S71PL254 Datasheet HTML 57Page - SPANSION S71PL254 Datasheet HTML 58Page - SPANSION S71PL254 Datasheet HTML 59Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 196 page
background image
August 12, 2004 S29PL127J_064J_032J_MCP_00_A3
S29PL127J/S29PL064J/S29PL032J for MCP
55
Advance
I n f o rmatio n
advertent changes yet does not prevent the easy removal of protection when
changes are needed. The DYBs maybe set or cleared as often as needed.
The PPBs allow for a more static, and difficult to change, level of protection. The
PPBs retain their state across power cycles because they are non-volatile. Indi-
vidual PPBs are set with a command but must all be cleared as a group through
a complex sequence of program and erasing commands. The PPBs are also lim-
ited to 100 erase cycles.
The PPB Lock bit adds an additional level of protection. Once all PPBs are pro-
grammed to the desired settings, the PPB Lock may be set to “1”. Setting the PPB
Lock disables all program and erase commands to the non-volatile PPBs. In ef-
fect, the PPB Lock Bit locks the PPBs into their current state. The only way to clear
the PPB Lock is to go through a power cycle. System boot code can determine if
any changes to the PPB are needed; for example, to allow new system code to
be downloaded. If no changes are needed then the boot code can set the PPB
Lock to disable any further changes to the PPBs during system operation.
The WP#/ACC write protect pin adds a final level of hardware protection to sec-
tors SA1-133, SA1-134, SA2-0 and SA2-1. When this pin is low it is not possible
to change the contents of these sectors. These sectors generally hold system
boot code. The WP#/ACC pin can prevent any changes to the boot code that could
override the choices made while setting up sector protection during system
initialization.
For customers who are concerned about malicious viruses there is another level
of security - the persistently locked state. To persistently protect a given sector
or sector group, the PPBs associated with that sector need to be set to “1”. Once
all PPBs are programmed to the desired settings, the PPB Lock should be set to
“1”. Setting the PPB Lock automatically disables all program and erase commands
to the Non-Volatile PPBs. In effect, the PPB Lock “freezes” the PPBs into their cur-
rent state. The only way to clear the PPB Lock is to go through a power cycle.
It is possible to have sectors that have been persistently locked, and sectors that
are left in the dynamic state. The sectors in the dynamic state are all unprotected.
If there is a need to protect some of them, a simple DYB Write command se-
quence is all that is necessary. The DYB write command for the dynamic sectors
switch the DYBs to signify protected and unprotected, respectively. If there is a
need to change the status of the persistently locked sectors, a few more steps
are required. First, the PPB Lock bit must be disabled by either putting the device
through a power-cycle, or hardware reset. The PPBs can then be changed to re-
flect the desired settings. Setting the PPB lock bit once again will lock the PPBs,
and the device operates normally again.
The best protection is achieved by executing the PPB lock bit set command early
in the boot code, and protect the boot code by holding WP#/ACC = VIL.
Table 12 contains all possible combinations of the DYB, PPB, and PPB lock relating
to the status of the sector.
In summary, if the PPB is set, and the PPB lock is set, the sector is protected and
the protection can not be removed until the next power cycle clears the PPB lock.
If the PPB is cleared, the sector can be dynamically locked or unlocked. The DYB
then controls whether or not the sector is protected or unprotected.
If the user attempts to program or erase a protected sector, the device ignores
the command and returns to read mode. A program command to a protected sec-
tor enables status polling for approximately 1 µs before the device returns to read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com