Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 16 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 16 Page - SPANSION

Back Button S71PL254 Datasheet HTML 12Page - SPANSION S71PL254 Datasheet HTML 13Page - SPANSION S71PL254 Datasheet HTML 14Page - SPANSION S71PL254 Datasheet HTML 15Page - SPANSION S71PL254 Datasheet HTML 16Page - SPANSION S71PL254 Datasheet HTML 17Page - SPANSION S71PL254 Datasheet HTML 18Page - SPANSION S71PL254 Datasheet HTML 19Page - SPANSION S71PL254 Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 196 page
background image
16
S71PL254/127/064/032J_00_A6 November 22, 2004
Advance
I n f o rmation
S71PL064J Valid Combinations
Speed Options
(ns)
(p)SRAM
Type/Access
Time (ns)
Package
Marking
Base Ordering
Part Number
Package &
Temperature
Package Modifier/
Model Number
Packing Type
S71PL064J08
BAW
0B
0, 2, 3 (Note 1)
65
SRAM1 / 70
(Note 2)
S71PL064J08
0U
SRAM3 / 70
S71PL064J80
0K
pSRAM1 /70
S71PL064J80
07
pSRAM1 / 70
S71PL064J80
0P
pSRAM5 / 70
S71PL064JA0
0Z
pSRAM7 / 70
S71PL064JA0
0B
pSRAM3 / 70
S71PL064JA0
07
pSRAM1 / 70
S71PL064JA0
0P
pSRAM7 / 70
S71PL064JB0
07
pSRAM1 / 70
S71PL064JB0
0B
pSRAM2 / 70
S71PL064JB0
0U
pSRAM6 / 70
S71PL064J08
BFW
0B
0, 2, 3 (Note 1)
65
SRAM1 / 70
(Note 2)
S71PL064J08
0U
SRAM3 / 70
S71PL064J80
0K
pSRAM1 /70
S71PL064J80
07
pSRAM1 / 70
S71PL064J80
0P
pSRAM5 / 70
S71PL064JA0
0Z
pSRAM7 / 70
S71PL064JA0
0B
pSRAM3 / 70
S71PL064JA0
07
pSRAM1 / 70
S71PL064JA0
0P
pSRAM7 / 70
S71PL064JB0
07
pSRAM1 / 70
S71PL064JB0
0B
pSRAM2 / 70
S71PL064JB0
0U
pSRAM6 / 70
S71PL064J08
BAI
0B
0, 2, 3 (Note 1)
65
SRAM1 / 70
(Note 2)
S71PL064J08
0U
SRAM3 / 70
S71PL064J80
0K
pSRAM1 /70
S71PL064J80
07
pSRAM1 / 70
S71PL064J80
0P
pSRAM5 / 70
S71PL064JA0
0Z
pSRAM7 / 70
S71PL064JA0
0B
pSRAM3 / 70
S71PL064JA0
07
pSRAM1 / 70
S71PL064JA0
0P
pSRAM7 / 70
S71PL064JB0
07
pSRAM1 / 70
S71PL064JB0
0B
pSRAM2 / 70
S71PL064JB0
0U
pSRAM6 / 70
Notes:
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading “S” and packing type
designator from ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult your local sales office to confirm avail-
ability of specific valid combinations and to check on newly released
combinations.
Notes:
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading “S” and packing type
designator from ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult your local sales office to confirm avail-
ability of specific valid combinations and to check on newly released
combinations.
Notes:
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading “S” and packing type
designator from ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult your local sales office to confirm avail-
ability of specific valid combinations and to check on newly released
combinations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com