Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 48 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 48 Page - SPANSION

Back Button S71PL254 Datasheet HTML 44Page - SPANSION S71PL254 Datasheet HTML 45Page - SPANSION S71PL254 Datasheet HTML 46Page - SPANSION S71PL254 Datasheet HTML 47Page - SPANSION S71PL254 Datasheet HTML 48Page - SPANSION S71PL254 Datasheet HTML 49Page - SPANSION S71PL254 Datasheet HTML 50Page - SPANSION S71PL254 Datasheet HTML 51Page - SPANSION S71PL254 Datasheet HTML 52Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 196 page
background image
48
S29PL127J/S29PL064J/S29PL032J for MCP
S29PL127J_064J_032J_MCP_00_A3 August 12, 2004
Advance
I n f o rmation
SA39
100000XXX
32
100000h–107FFFh
SA40
100001XXX
32
108000h–10FFFFh
SA41
100010XXX
32
110000h–117FFFh
SA42
100011XXX
32
118000h–11FFFFh
SA43
100100XXX
32
120000h–127FFFh
SA44
100101XXX
32
128000h–12FFFFh
SA45
100110XXX
32
130000h–137FFFh
SA46
100111XXX
32
138000h–13FFFFh
SA47
101000XXX
32
140000h–147FFFh
SA48
101001XXX
32
148000h–14FFFFh
SA49
101010XXX
32
150000h–157FFFh
SA50
101011XXX
32
158000h–15FFFFh
SA51
101100XXX
32
160000h–167FFFh
SA52
101101XXX
32
168000h–16FFFFh
SA53
101110XXX
32
170000h–177FFFh
SA54
101111XXX
32
178000h–17FFFFh
SA55
110000XXX
32
180000h–187FFFh
SA56
110001XXX
32
188000h–18FFFFh
SA57
110010XXX
32
190000h–197FFFh
SA58
110011XXX
32
198000h–19FFFFh
SA59
110100XXX
32
1A0000h–1A7FFFh
SA60
110101XXX
32
1A8000h–1AFFFFh
SA61
110110XXX
32
1B0000h–1B7FFFh
SA62
110111XXX
32
1B8000h–1BFFFFh
SA63
111000XXX
32
1C0000h–1C7FFFh
SA64
111001XXX
32
1C8000h–1CFFFFh
SA65
111010XXX
32
1D0000h–1D7FFFh
SA66
111011XXX
32
1D8000h–1DFFFFh
SA67
111100XXX
32
1E0000h–1E7FFFh
SA68
111101XXX
32
1E8000h–1EFFFFh
SA69
111110XXX
32
1F0000h–1F7FFFh
SA70
111111000
4
1F8000h–1F8FFFh
SA71
111111001
4
1F9000h–1F9FFFh
SA72
111111010
4
1FA000h–1FAFFFh
SA73
111111011
4
1FB000h–1FBFFFh
SA74
111111100
4
1FC000h–1FCFFFh
SA75
111111101
4
1FD000h–1FDFFFh
SA76
111111110
4
1FE000h–1FEFFFh
SA77
111111111
4
1FF000h–1FFFFFh
Table 7. Secured Silicon Sector Addresses
Sector Size
Address Range
Factory-Locked Area
64 words
000000h-00003Fh
Customer-Lockable Area
64 words
000040h-00007Fh
Table 6. PL032J Sector Architecture (Continued)
Bank
Sector
Sector Address (A22-A12)
Sector Size (Kwords)
Address Range (x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com