Electronic Components Datasheet Search
  English  ▼

X  

CM6533DH Datasheet(PDF) 42 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 42 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 38Page - C-Media Electronics CM6533DH Datasheet HTML 39Page - C-Media Electronics CM6533DH Datasheet HTML 40Page - C-Media Electronics CM6533DH Datasheet HTML 41Page - C-Media Electronics CM6533DH Datasheet HTML 42Page - C-Media Electronics CM6533DH Datasheet HTML 43Page - C-Media Electronics CM6533DH Datasheet HTML 44Page - C-Media Electronics CM6533DH Datasheet HTML 45Page - C-Media Electronics CM6533DH Datasheet HTML 46Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 42 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
4-3
R/W
frq_sel
SPI clock period
2’b00: by MCU clk div 4
2’b01: by MCU clk div 12
2’b10: by MCU clk div 16
2’b11: by MCU clk div 20
2’b0
(POR)
2
R/W
first_leading_bit
First data bit of 2-bit leading mode
1’b0(POR)
1
R/W
second_leading_bit Second data bit of 2-bit leading mode
1’b0(POR)
0
R/W
leading_bit_mode
RA8815 2-bit leading mode
0: No leading bits
1: 2-bit leading for each transaction
1’b0
(POR)
6.9.3
SPI Interrupt
Address: 3eh
Bits
R/W
Bit Mnemonic
Description
default
7
R/W
CPOL
Clock Polarity
1’b1(POR)
6
R/W
CPHA
Clock Phase
1’b1(POR)
5-4
R/W
CS_SEL
SPI CS Select
00: CS0
01: CS1
10: CS2(Default)
11: CS2
2’b10(POR)
3
RO
slv_hid
SPI slave flag to HID interrupt
0: access to internal register
1: flag to HID interrupt
1’b0
(POR)
2
RO
slv_rw
SPI slave read/write flag
0: read
1: write
1’b0
(POR)
1
R/W
slv_int_en
SPI slave interrupt
0: no interrupt
1: interrupt (Default)
Ext MCU can program this bit to make slave
mode interrupt
1’b1
(POR)
0
R/W
mst_int_en
SPI master interrupt enable
0: disable
1: enable (Default)
Control HW to make master mode interrupt
1’b1
(POR)
**Note:
1. Bit [1]: When SPI interface is slave mode, SPI interrupt happened when bit [1] ==1, which is written by external
MPU via SPI. Interrupt (HID) would be cleaned once address 0x10 was written.
2. Bit [0]: When SPI interface is master mode, SPI interrupt happened when bit [0] ==1 and every SPI master command
completed. Interrupt (HID) would be cleaned once address 0x10 was written.
6.9.4
SPI Control Register 3
Address: 3fh
Bits
R/W
Bit Mnemonic
Description
default
7-0
R/W
data_len
The data length of read/write,
0000_0000: Reserved
0000_0001: 1 bytes
0000_0010: 2 bytes
0000_0011: 3 bytes
.
.
.
1111_1111:255 bytes
8’d0
(POR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com