Electronic Components Datasheet Search
  English  ▼

X  

CM6533DH Datasheet(PDF) 44 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 44 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 40Page - C-Media Electronics CM6533DH Datasheet HTML 41Page - C-Media Electronics CM6533DH Datasheet HTML 42Page - C-Media Electronics CM6533DH Datasheet HTML 43Page - C-Media Electronics CM6533DH Datasheet HTML 44Page - C-Media Electronics CM6533DH Datasheet HTML 45Page - C-Media Electronics CM6533DH Datasheet HTML 46Page - C-Media Electronics CM6533DH Datasheet HTML 47Page - C-Media Electronics CM6533DH Datasheet HTML 48Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 44 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
6.10 GPIO
6.10.1
GPO Data Register
Address Offset: C0-C1h
Bits
R/W
Bit Mnemonic
Description
Default
15:0
R/W
GPO_0_reg
GPO_1_reg
GPO data register which represents
16’h0
(POR)
6.10.2
GPI Data Register
Address Offset: C2-C3h
Bits
R/W
Bit Mnemonic
Description
Default
15:0
R
GPI data register which represents
16’h0
(POR)
6.10.3
GPIO Direction Control Register
Address Offset: C4-C5h
Bits
R/W
Bit Mnemonic
Description
Default
15:0
R/W
GPOE_0
GPOE_1
GPIO
output
enable
register
which
represents for pin XGPIO[15:0]
1: the corresponding pins are used as
output
0: the corresponding pins are used as input
16’h0
(POR)
6.10.4
GPIO Interrupt Enable Mask Register
Address Offset: C6-C7h
Bits
R/W
Bit Mnemonic
Description
Default
15:0
R/W
GPI_EN
GPIO_E, GPIO interrupt enable mask which
represents for pins, XGPIO[15:0]
1: enable,
0: disable
16’h0
(POR)
6.10.5
GPIO Debouncing Register
Address Offset: C8-C9h
Default Value: 0000h (MSB -> LSB)
Bits
R/W
Bit Mnemonic
Description
Default
15:0
R/W
GPI_Deb
Enable the clock scale of mini-second (32
ms) for de-bouncing, default 1
1: enable,
0: disable
16’h0
(POR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com