Electronic Components Datasheet Search
  English  ▼

X  

CM6533DH Datasheet(PDF) 35 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 35 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 31Page - C-Media Electronics CM6533DH Datasheet HTML 32Page - C-Media Electronics CM6533DH Datasheet HTML 33Page - C-Media Electronics CM6533DH Datasheet HTML 34Page - C-Media Electronics CM6533DH Datasheet HTML 35Page - C-Media Electronics CM6533DH Datasheet HTML 36Page - C-Media Electronics CM6533DH Datasheet HTML 37Page - C-Media Electronics CM6533DH Datasheet HTML 38Page - C-Media Electronics CM6533DH Datasheet HTML 39Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 35 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
6.8.6
I2C Master Data Register
Address: 0x83 ~ 0x92
Bits
R/W
Bit Mnemonic
Description
Default
7-0
R/W
data0~ data15
The data read from or written to the
slave device.
8’b0
(POR)
6.8.7
I2C Master Control and Status Register 0
Address: 0x93
Bits
R/W
Bit Mnemonic
Description
Default
7-0
R/W
i2c_ctrl_reg1
Data length of read/write command
8’h1: 1 byte, minimum length
8’h2: 2 bytes
…
8’hFE: 254 bytes
8’hFF: 256 bytes, maximum length
0x14
(POR)
6.8.8
I2C Master Control and Status Register 1
Address: 0x94
Bits
R/W
Bit Mnemonic
Description
Default
7
R/W
i2c_start
Trigger I2C read/write command
0->1: trigger I2C read/write command.
1->0: I2C interface had completed
current task.
0
: I2C interface is idle and ready for
work.
1
: I2C interface is running.
1’b0
(POR)
6
R/W
i2c_reset
Reset I2C interface
0
: Not reset I2C interface
1
: Reset I2C interface
1’b0
(POR)
5
R/W
map_len
MAP length
0
: 8-bit MAP
1
: 16-bit MAP
1’b0
(POR)
4
R/W
clk_sync
Clock Synchronization
0: off
1: on, when slave pull-down SCLK,
master would pause
1’b1
(POR)
3
R/W
fast_std
I2C speed mode
0
: Standard mode, 100kHz
1
: Fast mode, 400kHz
1’b0
(POR)
2
R/W
map_only
MAP only write command
0
: Write command.
1
: MAP only write command.
1’b0
(POR)
1
R/W
auto_rd
Auto read command
0
: Read command.
1
: Auto read command.
1’b1
(POR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com