Electronic Components Datasheet Search
  English  ▼

X  

CM6533DH Datasheet(PDF) 53 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 53 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 49Page - C-Media Electronics CM6533DH Datasheet HTML 50Page - C-Media Electronics CM6533DH Datasheet HTML 51Page - C-Media Electronics CM6533DH Datasheet HTML 52Page - C-Media Electronics CM6533DH Datasheet HTML 53Page - C-Media Electronics CM6533DH Datasheet HTML 54Page - C-Media Electronics CM6533DH Datasheet HTML 55Page - C-Media Electronics CM6533DH Datasheet HTML 56Page - C-Media Electronics CM6533DH Datasheet HTML 57Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 53 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
9.5 Analog Audio
Parameter
Symbol
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max
Signal Reference Voltage
XVAG
XVAG
1.65
1.75
1.85
V
RLoad>> 10 M
Microphone Input Clipping
Level (at minimum input
volume, i.e., 0 dB)
VMI
XMICL
XMICR
2.828
Vpp
Volume =
dB
Analog Output Voltage AC
VAO
XLNOUTL
XLNOUTR
2.828
Vpp
Microphone Input Impedance
MII
XMICL
XMICR
20
45
k
Microphone A-A Input
Impedance
MAII
XMICL
XMICR
20
k
Headphone Output
Impedance
HPOI
XLNOUTL
XLNOUTR
32
Volume =
dB
9.6 USB Transceiver
Parameter
Symbol
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max
Regulator Voltage
XV33
XV33
3.0
3.3
3.6
V
CL =10uF
Driver Output Impedance
including the 22
External
Serial Resistor
RO
D+/D−
24
40
static, LOW or HIGH
Rise and Fall Times
tr/tf
3
10
19
ns
CL = 50 pF, driver mode
Rise/Fall Time Matching
MA_TRT
F
90
110
%
CL = 50 pF, driver mode
Crossover Voltage
VXOVER
1.30
1.75
2.0
V
CL = 50 pF, driver mode
Differential Receiver
Common-Mode Range
VCM_DR
EC
0.8
2.5
V
Single-ended Receiver
Threshold Voltage
VT_SREC
0.8
2.0
V
Switchable Pull-up Resistor
RPU
VREG, D+
1.5
k
9.7 Microphone Bias
Parameter
Symbol
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max
Open Circuit Voltage
Microphone Bias
VMICBIA
S
MICBIAS
2.55
2.75
2.95
V
Output Current
Microphone Bias
IMICBIAS
MICBIAS
1.25
mA
RMIN=2.2k
Output Impedance
Microphone Bias
ROUTMI
CB
MICBIAS
600
650
700
Power Supply Rejection
Ratio for Microphone Bias
PSRRMIC
B
AVDD,
MICBIAS
100
dB
Internal regulators active,
at maximum load current
(0.5 mA), 1 kHz sine wave at
100 mVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com