Electronic Components Datasheet Search
  English  ▼

X  

CM6533DH Datasheet(PDF) 20 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 20 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 16Page - C-Media Electronics CM6533DH Datasheet HTML 17Page - C-Media Electronics CM6533DH Datasheet HTML 18Page - C-Media Electronics CM6533DH Datasheet HTML 19Page - C-Media Electronics CM6533DH Datasheet HTML 20Page - C-Media Electronics CM6533DH Datasheet HTML 21Page - C-Media Electronics CM6533DH Datasheet HTML 22Page - C-Media Electronics CM6533DH Datasheet HTML 23Page - C-Media Electronics CM6533DH Datasheet HTML 24Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 20 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
6 Function Description
6.1 Playback Equalizer
6.1.1 5-band equalizer
CM6533/CM6533N/CM6533X1/CM6533DH has integrated five (5)-band hardware digital equalizer (EQ) engine inside
the chips to fulfill various application usages. It provides up to four (4)-preset modes on client’s product design for
different user scenarios including default/music, movies, gaming and communication modes. Clients could also
change the gain parameters for each of the preset application EQ mode via embedded FLASH coding. Also, the EQ
engine could also be utilized for compensating and fine-tuning the headphone driver for Sound Pressure Level (SPL)
performance to a specific preference. In this case, clients could fully customize all EQ coefficients such as center
frequency, gain values, and bandwidth to one optimized frequency response curve and setting in terms of the
headphone driver and housing’s acoustics characteristics, also via embedded FLASH programming.
The EQ engine contains five (5) frequency bands (Fc) of digital filters to conduct transfer functions of the frequency
response over the audio band. It allows maximum +-12dB digital gain (Gain) for each band with 0.5dB adjustment per
step. Each filter will have its bandwidth (BW) factor between 0 and 1.0.
Fc: Center Frequency, F1~F5, 20<Fc<20K (Hz)
Gain: Digital Frequency Gain, -12dB <= Gain <=+12dB, 0.5dB/step
BW: Filter Bandwidth Factor, 0<BW<1
OPA Gain: Analog Gain Compensation setting for each equalizer mode
The EQ engine already provides four (4)-preset modes/settings based on the same preset F1~F5 center frequencies
and OPA gain:
F1 (Bass)= 100Hz
F2 = 350Hz
F3 = 1KHz
F4 = 3.5KHz
F5 (Treble) = 13KHz
Analog
Gain
Digital
Attenuation
Digital Equalizer
(5-Band Fc, Gain,
Bandwidth, OPA Gain)
Digital-Analog
-Converter
Analog
Gain
PCM
PCM
PCM
Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com