| Electronic Components Datasheet Search |
|
CM6533DH Datasheet(PDF) 31 Page - C-Media Electronics |
|
|
|||||||||||||||||||||||||||||
CM6533DH Datasheet(HTML) 31 Page - C-Media Electronics |
|
31 / 60 page ![]() CM6533,CM6533N,CM6533X1,CM6533DH USB Audio Chip Page 31 / 60 www.cmedia.com.tw Rev.1.6 Copyright© C-Media Electronics Inc. Marks a word containing data for channel A (left) at the start of the data-block. Preamble “M”: Marks a word with data for channel A that is not at the start of the data-block. Preamble “W”: Marks a word containing data for channel B (right, for stereo). When using more than 2 channels, this could also be any other channel (except for A). The number of subframes that are used depends on the number of channels that is transmitted. A CD-player uses Channels A and B (left/right) and so each frame contains two subframes. A block contains 192 frames and starts with a preamble "B": Preamble Aux Data LSB Audio Data MSB V U C P 0 3 4 7 8 27 28 29 30 31 Sub-frame V: Valid, U:User-Data, C:Channel-Status-Data, P:Parity-Bit Figure -1 SPDIF Subframe Description In each block, 384 bits of channel status and subcode info are transmitted. The Channel-status bits are equal for both subframes, so actually only 192 useful bits are transmitted: ChannelA M ChannelA W ChannelA B ChannelA W ChannelA M ChannelA W Frame 191 Frame 0 Frame 1 SubFrame SubFrame Figure -2 Preamble Description of 192 SPDIF frame 6.6.2 SPDIF Out Channel Status bit0 bit1 bit2 bit3 bit4 bit5 bit6 bit7 byte0 consumer /professional audio/ non-audio copyright pre-emphasis mode default 0(P) 0(P) 1(P) 0(P) 0(fixed) 0(fixed) 0(fixed) 0(fixed) byte1 category code L default 0(P) 0(P) 0(P) 0(P) 0(P) 0(P) 0(P) 0(P) byte2 source number channel number default 0(fixed) 0(fixed) 0(fixed) 0(fixed) 0(fixed) 0(fixed) 0(fixed) 0(fixed) byte3 sampling frequency clock accuracy reserved default 0(P) 0(P) 0(P) 0(P) 0(fixed) 0(fixed) 0(fixed) 0(fixed) **Note: (P) These bits can be programmed by USB HID or USB vendor command |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |