Electronic Components Datasheet Search
  English  ▼

X  

CM6533DH Datasheet(PDF) 28 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 28 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 24Page - C-Media Electronics CM6533DH Datasheet HTML 25Page - C-Media Electronics CM6533DH Datasheet HTML 26Page - C-Media Electronics CM6533DH Datasheet HTML 27Page - C-Media Electronics CM6533DH Datasheet HTML 28Page - C-Media Electronics CM6533DH Datasheet HTML 29Page - C-Media Electronics CM6533DH Datasheet HTML 30Page - C-Media Electronics CM6533DH Datasheet HTML 31Page - C-Media Electronics CM6533DH Datasheet HTML 32Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 28 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
6.5 Vendor Command Definition
6.5.1 Vendor Command Read
Command Format:
bmRequestType
bRequest
wValue
wIndex
wLength
Data
8’h C3
8’h 02
(Command 2)
16’h -- --
(Start Address of
input Data)
16’h 00 00
16’h 00 –
(<=64 bytes)
Data
Input Data Format:
Byte 0
Data of Reg[wValue]
Byte 1
Data of Reg[wValue + 1]
Byte 2
Data of Reg[wValue + 2]
…
…
Byte 63
Data of Reg[wValue + 63]
6.5.2 Vendor Command Write
Command Format:
bmRequestType
bRequest
wValue
wIndex
wLength
Data
8’h 43
8’h 01
(Command 1)
16’h -- --
(Start Address of
Output Data)
16’h 00 00
16’h 00 –
(<=64 bytes)
Data
Output Data Format:
Byte 0
Data of Reg[wValue]
Byte 1
Data of Reg[wValue + 1]
Byte 2
Data of Reg[wValue + 2]
…
…
Byte 63
Data of Reg[wValue + 63]
6.5.3 USB Vendor Requests
bmRequestType
bRequest
wValue
wIndex
wLength
Data
0x43
(Vendor Other)
0x01
Register Write
Address
0x0000
Data Length
(<=64 bytes)
Data
0xC3
(Vendor Other)
0x02
Register Read
Address
0x0000
Data Length
(<=64 bytes)
Data
0x43
(Vendor Other)
0x03
Flash Write
Address
0x0000: Write only
0x0001: Auto Verify
Data Length
(<=64 bytes)
Data
0xC3
(Vendor Other)
0x04
Flash Read
Address
0x0000
Data Length
(<=64 bytes)
Data
0x43
(Vendor Other)
0x05
Flash Control
0x0000
0x0001: Chip Erase
0x0000
None
Address
0x0002: Sector
Erase
0xC3
(Vendor Other)
0x06
Flash Control -
Get Status
0x0000
0x0000
0x0001
1-byte data
0x01: Erasing
0x00: Ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com