Electronic Components Datasheet Search
  English  ▼

X  

CM6533DH Datasheet(PDF) 18 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 18 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 14Page - C-Media Electronics CM6533DH Datasheet HTML 15Page - C-Media Electronics CM6533DH Datasheet HTML 16Page - C-Media Electronics CM6533DH Datasheet HTML 17Page - C-Media Electronics CM6533DH Datasheet HTML 18Page - C-Media Electronics CM6533DH Datasheet HTML 19Page - C-Media Electronics CM6533DH Datasheet HTML 20Page - C-Media Electronics CM6533DH Datasheet HTML 21Page - C-Media Electronics CM6533DH Datasheet HTML 22Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 18 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
5 USB Audio Topology
5.1 CM6533N/CM6533 Headset Topology
Speaker
2CH Out
USB
Streaming
Interface #1
01
05
03
OT
IT
Mute Control
Volume Control
-45dB(Mute) ~ 0dB
Microphone
2CH In
02
04
OT
IT
USB Streaming
Interface #2
06
08
Mixer
07
Mute Control
Volume Control
0dB ~ 30dB
Mute Control
Volume Control
-15dB(Mute) ~ 22dB
USB Interfaces List
Interface Description
Endpoint
Interface 0
Audio Control Interface
Interface 1
Audio Stream Interface for Playback
0x01
Interface 2
Audio Stream Interface for Record
0x82
Interface 3
HID Interface
0x87(Interrupt In 16 bytes)
Audio Stream Interfaces’ Alternate Setting List
Interface 1
(Speaker)
Alt 1
2CH, 16Bits PCM
8K,11.025K,16K,22.05K,32K,44.1K,48K
Alt 2
2CH, 24Bits PCM
8K,11.025K,16K,22.05K,32K,44.1K,48K
Alt 3
2CH, 16Bits PCM
88.2K,96K
Alt 4
2CH, 24Bits PCM
88.2K,96K
Interface 2
(MIC In)
Alt 1
2CH, 16Bits PCM
8K,11.025K,16K,22.05K,32K,44.1K,48K
Alt 2
2CH, 24Bits PCM
8K,11.025K,16K,22.05K,32K,44.1K,48K
Alt 3
2CH, 16Bits PCM
88.2K,96K
Alt 4
2CH, 24Bits PCM
88.2K,96K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com