Electronic Components Datasheet Search
  English  ▼

X  

CM6533DH Datasheet(PDF) 38 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 38 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 34Page - C-Media Electronics CM6533DH Datasheet HTML 35Page - C-Media Electronics CM6533DH Datasheet HTML 36Page - C-Media Electronics CM6533DH Datasheet HTML 37Page - C-Media Electronics CM6533DH Datasheet HTML 38Page - C-Media Electronics CM6533DH Datasheet HTML 39Page - C-Media Electronics CM6533DH Datasheet HTML 40Page - C-Media Electronics CM6533DH Datasheet HTML 41Page - C-Media Electronics CM6533DH Datasheet HTML 42Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 38 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
6.8.11
I2C Slave Mode
“7-bit slave address = 7’b0001000 to 7’b0001011”
CM6533/CM6533N/CM6533X1/CM6533DH can serves as a slave device with bit rate up to 400Kbps (fast mode).
External MCU can write data to CM6533/CM6533N/CM6533X1/CM6533DH or read data from
CM6533/CM6533N/CM6533X1/CM6533DH (No Size limitation in I2C Interface). Since host side and MCU can both
access to all the internal registers.
CM6533/CM6533N/CM6533X1/CM6533DH will transfer an interrupt to internal MCU until the INT bit of I2C
control Register have been clean by internal MCU. The interrupt will be trigger when write transaction done or
detect read-slave-address.
The main usage of 2-wire slave bus is to become the interface between the
CM6533/CM6533N/CM6533X1/CM6533DH and a external micro control unit (EMCU).
6.8.12
I2C Slave Data Register
Address: 30~33h
Bits
R/W
Bit Mnemonic
Description
Default
31:0
R/W
MCU_data0~F
The data received from or transmitted to master device.
This register cannot be written when 2-wire slave serial
bus status is busy.
0000h
(POR)
6.8.13
I2C Slave Status Register
Address: 34~35h
Bits
R/W
Bit Mnemonic
Description
Default
15
Reserved
1b
14:12
R
Reserved
0h
11
R/W
Thld_int_mask
Threshold interrupt mask:
1: mask; 0: non-mask ; default :0
0b
(POR)
10
R
Write_data_ready Interrupt happened, auto-cleared after read
0b
(POR)
9
R/W
I2c_s_reset
0: 2-wire serial bus in normal operation (default)
1: 2-wire serial bus in reset state
0b
(POR)
8
R/W
Dri_tran_st
initiated transaction status
1: The last initiated transaction failed, write 1 to clear.
0b
(POR)
7
R/W
Rd_tran_st
Read transaction status
1: a new read transaction received, write 1 to clear.
0b
(POR)
6
R/W
Wr_tran_st
Write transaction status
1: a new write transaction received, write 1 to clear.
0b
(POR)
5:1
R
Data_len
The data length of the last write transaction received,
00000: 1 byte (MAP only)
00001: 2 byte (MAP + 1 byte data)
00010: 3 byte (MAP + 2 byte data)
00011: 4 byte (MAP + 3 byte data)
00100: 5 byte (MAP + 4 byte data)
01111: 16 byte (MAP + 15 byte data)
.
10000: 17 byte (MAP + 16 byte data)
0b
(POR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com