Electronic Components Datasheet Search
  English  ▼

X  

CM6533DH Datasheet(PDF) 14 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 14 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 10Page - C-Media Electronics CM6533DH Datasheet HTML 11Page - C-Media Electronics CM6533DH Datasheet HTML 12Page - C-Media Electronics CM6533DH Datasheet HTML 13Page - C-Media Electronics CM6533DH Datasheet HTML 14Page - C-Media Electronics CM6533DH Datasheet HTML 15Page - C-Media Electronics CM6533DH Datasheet HTML 16Page - C-Media Electronics CM6533DH Datasheet HTML 17Page - C-Media Electronics CM6533DH Datasheet HTML 18Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 14 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
4.5 Pin Description
Pin #
Symbol
I/O
Description
USB2.0 BUS Interface
7
USB_DP
AIO
USB 2.0 data positive (USB D+ signal).
8
USB_DM
AIO
USB 2.0 data negative (USB D- signal).
Power/Ground
9
DVDD33
AO
Regulator 3.3V output, drive capacity 10mA.
10
DVDD18
AO
Regulator 1.8V output, no current drive capacity.
11
DVDD50
PWR
5V digital power for 5/3.3/1.8V regulator.
22
AVDD36
AO
Analog 3.6V regulator for ADC, no current drive capacity.
23
AVDD50
PWR
5V analog power for 4.2/3.6V regulator.
24
AV42_DA
AO
Analog 4.2V regulator for Analog 3.6V regulator, no current drive capacity.
25
AV36_DAL
AO
Analog 3.6V regulator for DAC left channel, no current drive capacity.
31
AV36_DAR
AO
Analog 3.6V regulator for DAC right channel, no current drive capacity.
6
VSS
GND
Digital Ground.
12
VSS
GND
Digital Ground.
42
VSS
GND
Digital Ground.
13
AGND
GND
Analog Ground.
21
AGND
GND
Analog Ground.
27
AGND_DAL
GND
Analog Ground.
29
AGND_DAR
GND
Analog Ground.
Audio Interface
18
MIC_SWOUT
AO
Combo jack detect and auto switch, detect combo jack type and switch to
MICR_RING2 or MBIASR_SLEEVE.
15
MICL
AI
Microphone in left channel.
19
MICR_RING2
AI
Microphone in right channel or combo jack Ring2 pin input.
16
MBIASL
AO
Microphone bias (2.75V) for Left channel.
20
MBIASR_SLEEVE
AO
Microphone bias (2.75V) for Right channel or combo jack Sleeve pin input.
17
VAG
AO
Voltage reference cap filter.
26
LOUTL
AO
Line out left channel.
28
LOCOM
AO
Line out common reference for cap-less connection.
Suggested connections:
Cap-less: 10uF
None use: floating
30
LOUTR
AO
Line out right channel.
14
VOLADJ
AI
Analog control voltage input for playback volume control.
SAR ADC digital input range:
SARAD<5:0>
000000:Maxium------27.3mV
111111:Minium-------1.75V
(27.3mV/1step)
S/PDIF I/O
36
SPDIF_O
DO
S/PDIF transmitter
SPDIF_O is an output buffer with 8mA Tri-state.
GPIO
1
GPIO_0
DIO
General purpose input/output (default Volume Up button).
3.3V I/O, 5V tolerance, bidirectional buffer with 8mA driving current,
Default weak pull-up for input. (JTAG-TCK)
48
GPIO_1
DIO
General purpose input/output (default Volume Down button).
3.3V I/O, 5V tolerance, bidirectional buffer with 8mA driving current,
Default weak pull-up for input. (JTAG-TMS)
47
GPIO_2
DIO
General purpose input/output (default Play Mute button).
3.3V I/O, 5V tolerance, bidirectional buffer with 8mA driving current,
Default weak pull-up for input. (JTAG-TDI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com