Electronic Components Datasheet Search
  English  ▼

X  

CM6533DH Datasheet(PDF) 16 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 16 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 12Page - C-Media Electronics CM6533DH Datasheet HTML 13Page - C-Media Electronics CM6533DH Datasheet HTML 14Page - C-Media Electronics CM6533DH Datasheet HTML 15Page - C-Media Electronics CM6533DH Datasheet HTML 16Page - C-Media Electronics CM6533DH Datasheet HTML 17Page - C-Media Electronics CM6533DH Datasheet HTML 18Page - C-Media Electronics CM6533DH Datasheet HTML 19Page - C-Media Electronics CM6533DH Datasheet HTML 20Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 16 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
4
I2C_SCLK
DIO
2-wire serial clock,
3.3V I/O, 5V tolerant, bidirectional buffer with 8mA driving current, Default
weak pull-up for input.
Miscellaneous
2
PDSW
DO
Power Down Switch is an output buffer with 8mA Tri-state output.
Normal mode: 0
Suspend mode: 1
3
TEST
DI
The TEST pin is used for IC test, another one is in the situation when F/W
was crash or USB was not recognized, Set TEST pin to 3.3V before USB
connect can force MCU into boot loader mode and able to update F/W via
configuration tool, Default weak pull-down for input.
1: Boot loader mode
0 or floating: Normal operation
**Note: GPIOs, I2C, SPI, SPDIF, MIC_SWOUT, MICL, MICR_RING2, MBIASL, MBIASR_SLEEVE, VAG, LOUTL, LOCOM, LOUTR,
VOLADJ, PDSW, TEST pins can be left floating if not in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com