Electronic Components Datasheet Search
  English  ▼

X  

CM6533DH Datasheet(PDF) 48 Page - C-Media Electronics

Part # CM6533DH
Description  USB 2.0 Full-Speed compliant
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM6533DH Datasheet(HTML) 48 Page - C-Media Electronics

Back Button CM6533DH Datasheet HTML 44Page - C-Media Electronics CM6533DH Datasheet HTML 45Page - C-Media Electronics CM6533DH Datasheet HTML 46Page - C-Media Electronics CM6533DH Datasheet HTML 47Page - C-Media Electronics CM6533DH Datasheet HTML 48Page - C-Media Electronics CM6533DH Datasheet HTML 49Page - C-Media Electronics CM6533DH Datasheet HTML 50Page - C-Media Electronics CM6533DH Datasheet HTML 51Page - C-Media Electronics CM6533DH Datasheet HTML 52Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
CM6533,CM6533N,CM6533X1,CM6533DH
USB Audio Chip
Page 48 / 60
www.cmedia.com.tw
Rev.1.6
Copyright© C-Media Electronics Inc.
6.12 Tri-Colored LED Control Setting
PWM function is generated by LED counter and output the PWM signal to GPIO pin. The 8-bit counter counts modulus
256 controlled by LED freq, LED duty register. The LED unit register controls PWM resolution. When the LED freq
register value is equal to the LED duty register (high), the PWM output also goes high. When the LED freq, LED duty
register reaches zero, the PWM output is forced to go low. The low-to-high ratio (duty) of the PWM output is LED
duty/LED freq.
LED duty
LED freq
LED unit
(256 step)
PWM duty range
00H
FFH
00:10.5ms
01:5.45ms
10:2.73ms
11:1.36ms
00H/FFH
~FEH/FFH
01H
FFH
80H
FFH
FEH
FFH
The Output Duty of PWM has different timings. Duty range is from 0/256~255/256.
LED duty/LED freq
=00H/FFH
LED duty/LED freq
=01H/FFH
LED duty/LED freq
=80H/FFH
LED duty/LED freq
=FEH/FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com