Electronic Components Datasheet Search
  English  ▼

X  

LTC4091 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4091 Datasheet HTML 2Page - Linear Technology LTC4091 Datasheet HTML 3Page - Linear Technology LTC4091 Datasheet HTML 4Page - Linear Technology LTC4091 Datasheet HTML 5Page - Linear Technology LTC4091 Datasheet HTML 6Page - Linear Technology LTC4091 Datasheet HTML 7Page - Linear Technology LTC4091 Datasheet HTML 8Page - Linear Technology LTC4091 Datasheet HTML 9Page - Linear Technology LTC4091 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTC4091
6
4091fa
For more information www.linear.com/LTC4091
TYPICAL PERFORMANCE CHARACTERISTICS
Soft-Start
Minimum Switch On-Time
Switching Frequency
Switch Voltage Drop
Switch Current Limit
OUT During VIN Cold Crank
Histogram of VCHG
OUT During VIN Hot-Plug
Switch Current Limit
TA = 25°C, unless otherwise noted.
RUN/SS PIN VOLTAGE (V)
0
3.5
1.5
4091 G12
2.0
1.0
0.5
1
2
0.5
0
4.0
3.0
2.5
1.5
2.5
3
3.5
TEMPERATURE (°C)
80
100
120
4091 G13
60
40
20
0
140
–50
25
–25
0
50
75 100
150
125
TEMPERATURE (°C)
1.00
1.10
4091 G14
0.90
0.80
1.20
0.95
1.05
0.85
1.15
–50
25
–25
0
50
75 100
150
125
SWITCH CURRENT (mA)
0
400
500
700
1500
4091 G15
300
200
500
1000
2000
2500
100
0
600
DUTY CYCLE (%)
0
40
4091 G10
2.5
20
60
1.5
1.0
4.0
3.5
3.0
2.0
80
100
TEMPERATURE (°C)
2.0
2.5
3.5
3.0
4091 G11
1.5
1.0
0
0.5
4.5
4.0
DUTY CYCLE = 10 %
DUTY CYCLE = 90 %
–50
25
–25
0
50
75 100
150
125
1ms/DIV
BAT
CURRENT
1A/DIV
VOUT
1V/DIV
VIN
5V/DIV
4091 G16
►
►
BAT = 4.05V
1A OUT LOAD
100ms/DIV
VOUT
1V/DIV
VIN
5V/DIV
4091 G17
►
BAT = 3.5V
NO LOAD
4.158
4.179
4.200
4.221
4.242
CHARGE VOLTAGE (V)
0
60
120
180
240
300
4091 G18
σ = 0.11%
V4P1 = Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com