Electronic Components Datasheet Search
  English  ▼

X  

LTC4091 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4091 Datasheet HTML 5Page - Linear Technology LTC4091 Datasheet HTML 6Page - Linear Technology LTC4091 Datasheet HTML 7Page - Linear Technology LTC4091 Datasheet HTML 8Page - Linear Technology LTC4091 Datasheet HTML 9Page - Linear Technology LTC4091 Datasheet HTML 10Page - Linear Technology LTC4091 Datasheet HTML 11Page - Linear Technology LTC4091 Datasheet HTML 12Page - Linear Technology LTC4091 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC4091
9
4091fa
For more information www.linear.com/LTC4091
BLOCK DIAGRAM
–
+
0.25V
SOFT-START2
–
+
–
+
TOO
COLD
TOO
HOT
GND
0.1V
NTC ENABLE
VNTC
NTC
T
10k
RPROG
10k
PROG
CHG
1V
–
+
–
+
VC CLAMP
CHARGE CONTROL
CONTROL LOGIC
VOLTAGE DETECT
COUNTER
OSCILLATOR
TA
DIE
TEMP 105°C
2.9V
BATTERY
UVLO
4.1V/4V
RECHARGE
UVLO
OUT BAT
ICHG
BAT UV
RECHRG
HOLD
RESET
NTCERR
CLK
EOC
C/10
–
+
–
+
VSET
3.6V
HVOUT
OUT
OUT
GATE
BAT
Li-Ion
BAT
TIMER
V4P1
CTIMER
CHRG
STOP
HVPR
4091 BD
EDA
D1
C2
L1
CC
RC
CF
VINGD
VIN
VC
CC/CV REGULATOR
CHARGER
ENABLE
–
+
4.25V (RISING)
3.15V (FALLING)
–
+
R
S
RT
C1
SYNC
RT
RUN/SS
–
+
+
75mV (RISING)
25mV (FALLING)
100mV
GM
BOOST
Q1
SW
15mV
25mV
IDEAL
DIODE
Q
DRIVER
+–
+–
OSCILLATOR
200kHz - 2.4MHz
SOFT-START
INTERNAL
REFERENCE
IL
–
+
+
C3
21
22
3
1
4
2
9
6
5
15, 23
17
8
14
10
13
7
18
20
19
11, 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com