Electronic Components Datasheet Search
  English  ▼

X  

LTC4091 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4091 Datasheet HTML 4Page - Linear Technology LTC4091 Datasheet HTML 5Page - Linear Technology LTC4091 Datasheet HTML 6Page - Linear Technology LTC4091 Datasheet HTML 7Page - Linear Technology LTC4091 Datasheet HTML 8Page - Linear Technology LTC4091 Datasheet HTML 9Page - Linear Technology LTC4091 Datasheet HTML 10Page - Linear Technology LTC4091 Datasheet HTML 11Page - Linear Technology LTC4091 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LTC4091
8
4091fa
For more information www.linear.com/LTC4091
Charge time is increased if charge current is reduced due
to thermal regulation.
Shorting the TIMER pin to GND disables the battery
charging functions.
HVOUT (Pin 18): Voltage Output of the Switching Reg-
ulator. When sufficient voltage is present at HVOUT, the
HVPR pin will be pulled low to indicate that the primary
input has been detected. The LTC4091 switching regula-
tor will maintain just enough differential voltage between
HVOUT and BAT to keep the battery charger MOSFET out
of dropout (typically 100mV from OUT to BAT). HVOUT
should be bypassed with 3.3µF to GND.
BOOST (Pin 19): This pin is used to provide drive voltage,
higher than the input voltage, to the internal bipolar NPN
power switch. Place a 0.22µF to 1µF capacitor between
BOOST and SW as close as possible to the IC. See Appli-
cations section for more information.
SW (Pin 20): The SW pin is the output of the internal high
voltage power switch. Connect this pin to the inductor,
catch diode and a boost capacitor.
VIN (Pin 21): Switching Regulator Input. The VIN pin sup-
plies current to the internal high voltage regulator and to
the internal high voltage power switch. This pin must be
locally bypassed. See Applications Information section to
determine value.
RUN/SS(Pin22):HighVoltageRegulatorEnableInput.The
RUN/SS pin is used to enable the high voltage regulator.
Tie to ground to disable the high voltage input or tie to at
least 3V to enable the high voltage path. If this feature is
not used tie to the VIN pin. This pin can also be used to
soft-start the high voltage regulator; see the Applications
Information section for more information.
GND(ExposedPadPin23):Ground.Theexposedpackage
pad is ground and must be soldered to the PC board for
proper functionality and for maximum heat transfer (use
several vias directly under the LTC4091).
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com