Electronic Components Datasheet Search
  English  ▼

X  

LTC4091 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4091 Datasheet HTML 18Page - Linear Technology LTC4091 Datasheet HTML 19Page - Linear Technology LTC4091 Datasheet HTML 20Page - Linear Technology LTC4091 Datasheet HTML 21Page - Linear Technology LTC4091 Datasheet HTML 22Page - Linear Technology LTC4091 Datasheet HTML 23Page - Linear Technology LTC4091 Datasheet HTML 24Page - Linear Technology LTC4091 Datasheet HTML 25Page - Linear Technology LTC4091 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LTC4091
23
4091fa
For more information www.linear.com/LTC4091
VIN Bypass Capacitor
Many types of capacitors can be used for input bypassing;
whilerecommended,cautionmustbeexercisedwhenusing
multilayer ceramic capacitors. Because of the self-reso-
nant and high Q characteristics of some types of ceramic
capacitors,highvoltagetransientscanbegeneratedunder
some start-up conditions, such as from connecting the
chargerinputtoahotpowersource.Formoreinformation,
refer to Application Note 88.
Battery Charger Stability Considerations
The constant-voltage mode feedback loop is stable with-
out any compensation when a battery is connected with
low impedance leads. Excessive lead length, however,
may add enough series inductance to require a bypass
capacitor of at least 1µF from BAT to GND. Furthermore,
a 100µF capacitor with a 50mΩ series resistor to GND is
recommended at the BAT pin to keep ripple voltage low
when the battery is disconnected.
APPLICATIONS INFORMATION
Figure 10. Ground Currents Follow Their Incident Path at High Speed. Slices in the Ground Plane Cause High
Voltage and Increased Emissions.
4091 F11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com