Electronic Components Datasheet Search
  English  ▼

X  

LTC4091 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4091 Datasheet HTML 12Page - Linear Technology LTC4091 Datasheet HTML 13Page - Linear Technology LTC4091 Datasheet HTML 14Page - Linear Technology LTC4091 Datasheet HTML 15Page - Linear Technology LTC4091 Datasheet HTML 16Page - Linear Technology LTC4091 Datasheet HTML 17Page - Linear Technology LTC4091 Datasheet HTML 18Page - Linear Technology LTC4091 Datasheet HTML 19Page - Linear Technology LTC4091 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LTC4091
16
4091fa
For more information www.linear.com/LTC4091
APPLICATIONS INFORMATION
where fSW is the switching frequency, tON(MIN) is the
minimum switch-on time (~100ns), and tOFF(MIN) is the
minimumswitch-offtime(~150ns).Theseequationsshow
that duty cycle range increases when switching frequency
is decreased.
A good choice of switching frequency should allow ade-
quate input voltage range (see next section) and keep the
inductor and capacitor values small.
VIN Input Voltage Range
The maximum input voltage range for LTC4091 applica-
tions depends on the switching frequency, the Absolute
Maximum Ratings of the VIN and BOOST pins, and the
operating mode.
The high voltage switching regulator can operate from
input voltages up to 36V, and safely withstand input
voltages up to 60V. Note that while VIN > 38V (typical),
the LTC4091 will stop switching, allowing the output to
fall out of regulation.
While the high voltage regulator output is in start-up,
short-circuit, or other overload conditions, the switching
frequency should be chosen according to the following
discussion.
For safe operation at inputs up to 60V the switching
frequency must be low enough to satisfy VIN(MAX) ≥ 40V
according to the following equation. If lower VIN(MAX) is
desired, this equation can be used directly.
VIN(MAX) =
VHVOUT + VD
fSW • tON(MIN)
– VD + VSW
where VIN(MAX) is the maximum operating input voltage,
VHVOUT is the high voltage regulator output voltage, VD is
the catch diode drop (~0.5V), VSW is the internal switch
drop (~0.5V at max load), fSW is the switching frequency
(set by RT), and tON(MIN) is the minimum switch-on time
(~150ns). Note that a higher switching frequency will de-
press the maximum operating input voltage. Conversely,
a lower switching frequency will be necessary to achieve
safe operation at high input voltages.
If the output is in regulation and no short-circuit, start-
up, or overload events are expected, then input voltage
transients of up to 60V are acceptable regardless of the
switching frequency. In this mode, the LTC4091 may enter
pulse-skipping operation where some switching pulses
are skipped to maintain output regulation. In this mode
the output voltage ripple and inductor current ripple will
be higher than in normal operation.
The minimum input voltage is determined by either the
highvoltageregulator’sminimumoperatingvoltageof~6V
or by its maximum duty cycle (see equation in previous
section). The minimum input voltage due to duty cycle is:
VIN(MIN) =
VHVOUT + VD
1– fSW • tOFF(MIN)
– VD + VSW
where VIN(MIN)istheminimuminputvoltage,andtOFF(MIN)
is the minimum switch-off time (~150ns). Note that high-
er switching frequency will increase the minimum input
voltage. If a lower dropout voltage is desired, a lower
switching frequency should be used.
Inductor Selection and Maximum Output Current
AgoodchoicefortheinductorvalueisL=6.8µH(assuming
an 800kHz operating frequency). With this value the max-
imum load current will be ~2.4A. For details of maximum
outputcurrent,seeLinearTechnologyApplicationNote44.
The RMS current rating of the inductor must be greater
than the maximum load current and its saturation current
should be about 30% higher. Note that the maximum load
currentwillbeprogrammedchargecurrentplusthelargest
expected application load current. For robust operation in
faultconditions,thesaturationcurrentshouldbe~3.5A.To
keep efficiency high, the series resistance (DCR) should
be less than 0.1Ω. Table 1 lists several vendors and types
that are suitable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com