Electronic Components Datasheet Search
  English  ▼

X  

LTC4091 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4091 Datasheet HTML 18Page - Linear Technology LTC4091 Datasheet HTML 19Page - Linear Technology LTC4091 Datasheet HTML 20Page - Linear Technology LTC4091 Datasheet HTML 21Page - Linear Technology LTC4091 Datasheet HTML 22Page - Linear Technology LTC4091 Datasheet HTML 23Page - Linear Technology LTC4091 Datasheet HTML 24Page - Linear Technology LTC4091 Datasheet HTML 25Page - Linear Technology LTC4091 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LTC4091
26
4091fa
For more information www.linear.com/LTC4091
LT 0817 REV A • PRINTED IN USA
RELATED PARTS
www.linear.com/LTC4091
PART NUMBER
DESCRIPTION
COMMENTS
LTC3226
Boost Charge Pump + PowerPath
Manager for SCaps
ICHARGE: 0.33A, VIN: 2.5V to 5.5V, VOUT: 2.5V to 5.5V
LTC3355
Buck SCap Charger + Boost Backup
ICHARGE: 1A, VIN: 3V to 20V, VOUT: 2.7V to 5.5V
LTC3110
Bi-Directional Buck-Boost + PowerPath
Manager for SCaps
ICHARGE: 2A, VIN: 0.1V to 5.5V, VOUT: 1.8V to 5.5V
LTC3643
Bi-Directional Boost Charger/Buck
Backup, Electrolytic Caps
ICHARGE: 2A, VIN: 3V to 17V, VOUT: Up to 40V
LTC4040
Buck Battery Charger + Boost Backup
for Li Batteries
ICHARGE: 2.5A, VIN: 3.5V to 5.5V, VOUT: 3.5V to 5V
LTC3128
Buck-Boost SCap Charger
ICHARGE: 3A, VIN: 1.7V to 5.5V, VOUT: 1.8V to 5.5V
LTC4425
Linear/Ideal Diode SCap Charger
ICHARGE: 3A, VIN: 1.7V to 5.5V, VOUT: 2.7V to 5.5V
LTC4110
Bi-Directional Buck-Boost Flyback
Controller
ICHARGE: 3A, VIN: 4.5V to 19V, VOUT: 2.7V to 19V
LTC3350
Bi-Directional Controller + Monitor +
PowerPath for SCaps
ICHARGE: 10A+, VIN: 4.5V to 35V, VOUT: 4V to 35V
LTC4089
USB Power Manager with High Voltage
Switching Charger
Seamless Transition Between Power Sources: Li-Ion Battery, USB and 6V to 36V External
Supply, High Efficiency, 1.2A Charger from 6V to 36V Input with Adaptive Output Control
LTC4090
USB Power Manager with 2A High
Voltage Bat-Track™ Buck Charger
Seamless Transition Between Power Sources: Li-Ion Battery, USB and 6V to 38V Supply
(60V Max), 2A Output High Voltage Back Regulator with Bat-Track Adaptive Output Control
TYPICAL APPLICATION
VIN
BOOST
CHRG
RUN/SS
SW
C3
3.3µF
16V, X5R, 0603
2A
MAX
D2
4.99k
M1
M2
C1
4.7µF
50V
X7R
1206
1k
LTC4091
GND
SYNC
VC
HVOUT
HVPR
OUT
GATE
BAT
V4P1
AUTOMOTIVE
INPUT
7.5V TO 36V
WITH COLD-CRANK
PROTECTION
RT
PROG
TIMER
10k
T
LOAD
4.45V MAX
L1
6.8µH
0.47µF
VNTC
NTC
10k
C4
68µF
10V, X5R, 1206
C5
100µF
10V, X5R, 1210
0.1µF
220pF
15k
40.2k
105k
4091 TAO2
140k
D1
49.9k
C2
330nF
50V
X7R
0805
M1, M2: VISHAY SiS447DN
D1: CENTRAL SEMICONDUCTOR CMHZ4692
D2: DIODES, INC. B360A
Q1, Q2: DIODES, INC. MMDT5551
L1: COILCRAFT XAL4030-682MEB
C1: muRATA GRM31CR71H475KA12L
C2: muRATA GCM219R71H334KA55
C3: TDK C1608X5R1C335K080AC
C4: TDK C3216X5R1A686M160AC*
C5: muRATA GRM32ER61A107ME20L
* SEE SWITCHING REGULATOR CAPACITOR
SELECTION SECTION
Q2
Q1
100k
100k
10pF
0.05
4.1V
Li-Ion BATTERY
+
©
LINEAR TECHNOLOGY CORPORATION 2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com