Electronic Components Datasheet Search
  English  ▼

X  

LTC4091 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4091 Datasheet HTML 15Page - Linear Technology LTC4091 Datasheet HTML 16Page - Linear Technology LTC4091 Datasheet HTML 17Page - Linear Technology LTC4091 Datasheet HTML 18Page - Linear Technology LTC4091 Datasheet HTML 19Page - Linear Technology LTC4091 Datasheet HTML 20Page - Linear Technology LTC4091 Datasheet HTML 21Page - Linear Technology LTC4091 Datasheet HTML 22Page - Linear Technology LTC4091 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LTC4091
19
4091fa
For more information www.linear.com/LTC4091
High Voltage Regulator Burst Mode Operation
At higher output loads (above 90mA for the back page
application) the LTC4091 will be running at the frequency
programmed by the RT resistor, and will be operating in
standard PWM mode. The transition between PWM and
low ripple Burst Mode operation is seamless, and will not
disturb the output voltage.
Boost Pin Considerations
Capacitor C2 (see Block Diagram) and an internal diode
are used to generate a boost voltage that is higher than
the input voltage. In most case, a 0.47µF capacitor will
work well. The BOOST pin must be at least 2.3V above
the SW pin for proper operation.
High Voltage Regulator Soft-Start
The RUN/SS pin can be used to soft-start the high voltage
regulatoroftheLTC4091,reducingmaximuminputcurrent
during start-up. The RUN/SS pin is driven through an ex-
ternal RC filter to create a voltage ramp at this pin. Figure
6 shows the start-up and shut-down waveforms with the
soft-start circuit. By choosing a large RC time constant
the peak start-up current can be reduced to the current
that is required to regulate the output with no overshoot.
Choose the value of the resistor so that it can supply 20µA
when the RUN/SS pin reaches 2.3V.
Automotive Cold-Crank Ride Through
In automotive applications that are expected to experience
large dips in supply voltage, such as during a cold-crank
event, the high voltage switching regulator can lose regu-
lation resulting in excessive VC voltage and consequently
excessive output overshoot when VINrecovers.Toprevent
overshoot when recovering from a cold-crank event it is
necessary to reset the LTC4091's soft-start circuit via
the RUN/SS pin. Figure 7 shows an example of a simple
circuitthatautomaticallydetectsabrown-outconditionand
resets the RUN/SS pin, re-engaging the soft-start feature
and preventing damaging output overshoot.
APPLICATIONS INFORMATION
Synchronization and Mode
The SYNC pin allows the high voltage regulator to be
synchronized to an external clock.
Synchronizing the LTC4091 internal oscillator to an
external frequency can be done by connecting a square
wave (with 20% to 80% duty cycle) to the SYNC pin. The
square wave amplitude should be such that the valleys
are below 0.3V and the peaks are above 1V (up to 6V).
The high voltage regulator may be synchronized over a
300kHz to 2MHz range. The RT resistor should be chosen
such that the LTC4091 oscillates 25% slower than the
external synchronization frequency to ensure adequate
slopecompensation.Whilesynchronized,thehighvoltage
regulator will turn on the power switch on positive going
edges of the clock.
Figure 6. To Soft-Start the High Voltage Regulator,
Add a Resistor and Capacitor to the RUN/SS Pin
4091 F07
IL
1A/DIV
VRUN/SS
2V/DIV
VHVOUT
2V/DIV
RUN/SS
GND
0.22µF
RUN
15k
2ms/DIV
Figure 7. Cold-Crank Ride Through Circuit
4091 F08
CMHZ4692
49.9k
100k
100k
140k
1/2 MMDT5551
330nF
VIN
RUN/SS
GND
AUTOMOTIVE
INPUT
1/2 MMDT5551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com