Electronic Components Datasheet Search
  English  ▼

X  

LTC4091 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 4 Page - Linear Technology

  LTC4091 Datasheet HTML 1Page - Linear Technology LTC4091 Datasheet HTML 2Page - Linear Technology LTC4091 Datasheet HTML 3Page - Linear Technology LTC4091 Datasheet HTML 4Page - Linear Technology LTC4091 Datasheet HTML 5Page - Linear Technology LTC4091 Datasheet HTML 6Page - Linear Technology LTC4091 Datasheet HTML 7Page - Linear Technology LTC4091 Datasheet HTML 8Page - Linear Technology LTC4091 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC4091
4
4091fa
For more information www.linear.com/LTC4091
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 2) VIN = RUN/SS = 12V, BOOST = 17V, VBAT = 3.7V and
RPROG = 105k, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
External Ideal Diode
VFWD,EXT External Diode Forward Voltage
20
mV
Logic (CHRG, VINGD, HVPR, TIMER, RUN/SS, SYNC)
VCHG,SD
Charger Shutdown Threshold Voltage on TIMER
VTIMER Falling
l
0.1
V
ICHG,SD
Charger Shutdown Pull-Up Current on TIMER
VTIMER = 0V
l
5
14
µA
VOL
Output Low Voltage
(CHRG, HVPR); ISINK = 5mA
l
0.1
0.4
V
VRUN,H
RUN/SS High Threshold
3
V
VRUN,L
RUN/SS Low Threshold
0.2
V
IRUN/SS
RUN/SS Pin Bias Current
RUN/SS = 2.5V
5
10
µA
IVGLK
VINGD Leakage
VINGD = 5V, RUN/SS = 0V
0.1
1
µA
IVG
VINGD Sink Current
VINGD = 0.4V
l
100
400
µA
VSYNC,L
SYNC Low Threshold
0.3
V
VSYNC,H
SYNC High Threshold
1
V
ISYNC
SYNC Pin Bias Current
VSYNC = 0V
–0.1
µA
NTC
IVNTC
VNTC Pin Current
VNTC = 2.5V
1.4
2.5
3.5
mA
VVNTC
VNTC Bias Voltage
IVNTC = 500µA
l
4.4
4.85
V
INTC
NTC Input Leakage Current
NTC = 1V
0
±1
µA
VCOLD
Cold Temperature Fault Threshold Voltage
Rising NTC Voltage
Hysteresis
0.738 • VNTC
0.02 • VNTC
V
V
VHOT
Hot Temperature Fault Threshold Voltage
Falling NTC Voltage
Hysteresis
0.290 • VNTC
0.01 • VNTC
V
V
VDIS
NTC Disable Threshold Voltage
Falling NTC Voltage
Hysteresis
l
75
100
35
125
mV
mV
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4091 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC4091E is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC4091I is guaranteed over the –40°C to 125°C operating junction
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors. The junction temperature (TJ,
in °C) is calculated from the ambient temperature (TA, in °C) and power
dissipation (PD, in Watts) according to the formula:
TJ = TA + (PD • θJA)
where θJA = 31.8°C/W for the DJC package.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperatures will exceed 110°C when overtemperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.
Note 4: VCC is the greater of VOUT, and VBAT
Note 5: Accuracy of programmed current may degrade for currents
greater than 1.5A.
Note 6: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the switch.
Note 7: Absolute Maximum Voltage at VIN and RUN/SS pins is for
nonrepetitive one second transients; 40V for continuous operation.
Note 8: Due to the thermal regulation feature of the battery charger, circuit
parameters in the Battery Management section are not testable and do not
apply above 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com