Electronic Components Datasheet Search
  English  ▼

X  

LTC4091 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4091 Datasheet HTML 8Page - Linear Technology LTC4091 Datasheet HTML 9Page - Linear Technology LTC4091 Datasheet HTML 10Page - Linear Technology LTC4091 Datasheet HTML 11Page - Linear Technology LTC4091 Datasheet HTML 12Page - Linear Technology LTC4091 Datasheet HTML 13Page - Linear Technology LTC4091 Datasheet HTML 14Page - Linear Technology LTC4091 Datasheet HTML 15Page - Linear Technology LTC4091 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LTC4091
12
4091fa
For more information www.linear.com/LTC4091
OPERATION
If power to VIN (primary input) is removed, then all of the
application power will be provided by the battery via the
ideal diode. A 68µF capacitor at OUT is sufficient to keep a
transition from input power to battery power from causing
significantoutputvoltagedroop.Theidealdiodeconsistsof
aprecisionamplifierthatenablesalargeP-channelMOSFET
transistor whenever the voltage at OUT is approximately
25mV (VFWD) below the voltage at BAT. The resistance of
the internal ideal diode is approximately 75mΩ.
If this is sufficient for the application then no external
components are necessary. However if more conductance
is needed, an external P-channel MOSFET can be added
from BAT to OUT. The GATE pin of the LTC4091 drives
the gate of the PFET for automatic ideal diode control.
The source of the external MOSFET should be connected
to OUT and the drain should be connected to BAT. In
order to help protect the external MOSFET in overcurrent
situations, it should be placed in close thermal contact to
the LTC4091. It is important to maintain high impedance
on this pin and minimize all leakage paths.
Battery Charger
The battery charger circuits of the LTC4091 are designed
for charging single cell lithium-ion batteries. Featuring
an internal P-channel power MOSFET, the charger uses a
constant-current/constant-voltage charge algorithm with
programmable current and a programmable timer for
charge termination. Charge current can be programmed
up to 1.5A. No blocking diode or sense resistor is required.
The CHRG open-drain status output provides information
regarding the charging status of the LTC4091 at all times.
An NTC input provides the option of charge qualification
using battery temperature.
The charge cycle begins when the voltage at the OUT pin
rises above the battery voltage and the battery voltage is
below the recharge threshold. No charge current actually
flowsuntiltheOUTvoltageis100mVabovetheBATvoltage.
At the beginning of the charge cycle, if the battery voltage
is below 2.9V, the charger goes into trickle charge mode
to bring the cell voltage up to a safe level for charging.
The charger goes into the fast charge constant-current
mode once the voltage on the BAT pin rises above 2.9V.
In constant current mode, the charge current is set by
RPROG. When the battery approaches the final charge
voltage, the charge current begins to decrease as the
LTC4091 switches to constant-voltage mode. When the
chargecurrentdropsbelow10%oftheprogrammedvalue
while in constant-voltage mode the CHRG pin assumes a
high impedance state.
A 4.2V charge voltage is selected by leaving V4P1 high
impedance. It is important to minimize all leakage paths
around this pin if it is left open. A 4.1V charge voltage is
selected by connecting V4P1 to BAT.
An external capacitor on the TIMER pin sets the total
minimum charge time. When this time elapses the charge
cycle terminates and the CHRG pin assumes a high imped-
ance state, if it has not already done so. While charging in
constant current mode, if the charge current is decreased
by thermal regulation the charge time is automatically
increased. In other words, the charge time is extended
inverselyproportionaltotheactualchargecurrentdelivered
to the battery. For Li-Ion and similar batteries that require
accurate final charge potential, the internal bandgap ref-
erence, voltage amplifier and the resistor divider provide
regulation with accuracy typically better than ±0.5%.
Trickle Charge and Defective Battery Detection
At the beginning of a charge cycle, if the battery voltage
is low (below 2.9V) the charger goes into trickle charge
reducingthechargecurrentto10%ofthefull-scalecurrent.
If the low battery voltage persists for one quarter of the
total charge time, the battery is assumed to be defective,
the charge cycle is terminated and the CHRG pin output
assumes a high impedance state. If for any reason the
battery voltage rises above ~2.9V the charge cycle will
be restarted. To restart the charge cycle (i.e., when the
dead battery is replaced with a discharged battery), simply
remove the input voltage and reapply it or cycle the TIMER
pin to 0V. Connecting the TIMER pin to ground disables
the battery charger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com